Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM42-0041 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM42-0041
Description  GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM42-0041 Datasheet(HTML) 2 Page - Tyco Electronics

  AM42-0041 Datasheet HTML 1Page - Tyco Electronics AM42-0041 Datasheet HTML 2Page - Tyco Electronics AM42-0041 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
#
$ %&''()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
*
)
" $
&
0
.0
:0
7
)
" $
>
D *( 7
266
D 0* 2
0'''
8
$
)1E
D01'E
255
( 2
266A255
0* 2
$
/'E
D&1E
0
*
$
$
C D&1E
( ?
"
"
"
* /
1
) 255 !
"
D&
0
0'
266 ?
9
I
255
1''
/ <+
"
9
9
1 ?
"
<+
) $
?
. +
>(
!
266 "
"
'1
266
&
0
266
6
8
*
5?6
<+
6
5
(
<+ ?
<+
/
5?6
<+
6
5
1
255
5
8
)
255
5
8
.
5?6
<+
6
5
&
<+ B$
<+
-
5?6
<+
6
5
0'
266
6
8
#
);
&
:070<



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com