Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V430-AF3 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # V430-AF3
Description  Autofocus Multicode Reader
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V430-AF3 Datasheet(HTML) 4 Page - Omron Electronics LLC

  V430-AF3 Datasheet HTML 1Page - Omron Electronics LLC V430-AF3 Datasheet HTML 2Page - Omron Electronics LLC V430-AF3 Datasheet HTML 3Page - Omron Electronics LLC V430-AF3 Datasheet HTML 4Page - Omron Electronics LLC V430-AF3 Datasheet HTML 5Page - Omron Electronics LLC V430-AF3 Datasheet HTML 6Page - Omron Electronics LLC V430-AF3 Datasheet HTML 7Page - Omron Electronics LLC V430-AF3 Datasheet HTML 8Page - Omron Electronics LLC V430-AF3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
V430-F
4
Wiring Options
* Right angle cables.
Drawing
Reference
Appearance
Category
Length / Spec
Part Number
Ethernet Communication Cables – Straight
Connectors
M12 Plug on Camera to RJ45 Connector
1 Meter
V430-WE-1M
3 Meters
V430-WE-3M
5 Meters
V430-WE-5M
Ethernet Communication Cables – Right
Angle M12 Connectors*
M12 Plug on Camera to RJ45 Connector
3 Meters – Right Angle
Up*
V430-WELU-3M
3 Meters – Right Angle
Down*
V430-WELD-3M
Camera to QX-1 Interconnect Cables
M12 Socket to M12 Plug
QX-1 is used as breakout module for common
IO signals and power.
1 Meter
V430-WQ-1M
M12 Socket to M12 Plug, with Power Filter
300 mm
V430-WQF-1M
Camera to QX-1 Interconnect Cables
M12 Socket to M12 Plug
QX-1 is used as breakout module for common
IO signals and power.
3 Meters
V430-WQ-3M
5 Meters
V430-WQ-5M
QX-1 Interconnect Module – Power, Trigger,
Smart Light Control Breakout
98-000103-02
QX-1 Photo Sensor, M12 4-Pin Plug, NPN
2 Meters – Light ON/
Dark ON
99-9000016-01
QX-1 Field-Wireable M12 4-Pin Plug for Any
Trigger Source or Photo Sensor
Screw Terminals
98-9000239-01
Power Supply, 100-240VAC, +24VDC, M12
12-Pin Socket
1 Meter
US/Euro Plug
97-000012-01
QX-1 M12 to Smart Light Power and Strobe
Control Cables
M12 Plug on QX-1 to 5 Pin Socket on light
3 Meters – Continuous
Power
61-000204-01
3 Meters – Strobe
Control
61-000218-01
Omron Microscan Smart Light Series
Integrated Power and
Strobe Control Module
See Omron Microscan
Smart Light Offering -
Ring, DOAL, Large
Area Lighting
2
3
4
5
6
7
8
Right angle up
Right angle down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com