Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V430-AF2 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # V430-AF2
Description  Autofocus Multicode Reader
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V430-AF2 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button V430-AF2 Datasheet HTML 3Page - Omron Electronics LLC V430-AF2 Datasheet HTML 4Page - Omron Electronics LLC V430-AF2 Datasheet HTML 5Page - Omron Electronics LLC V430-AF2 Datasheet HTML 6Page - Omron Electronics LLC V430-AF2 Datasheet HTML 7Page - Omron Electronics LLC V430-AF2 Datasheet HTML 8Page - Omron Electronics LLC V430-AF2 Datasheet HTML 9Page - Omron Electronics LLC V430-AF2 Datasheet HTML 10Page - Omron Electronics LLC V430-AF2 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
V430-F
7
V430-F Part Number Structure
Use this legend when defining product part numbers. Please note that not all combinations of parameters are valid. For instance, color cameras
are only available with white lighting, and 400 mm fixed focus is only available with UHD lenses. When ordering, use valid part numbers from the
tables in the Ordering Information section only.
V430-F[XXX][Y][ZZZ]-[L][C][P]
Example Part Numbers:
• V430-F081W03M-NNP: Fixed Focus at 81 mm, Wide Lens, 0.3 MP Monochrome Sensor, No Outer Light, High Speed, Plus Mode
• V430-F000N12M-RRX: Autofocus, Narrow Lens, 1.2 MP Mono, Ring Light, Red, High Speed, X-Mode
• V430-F000W50C-SWP: Autofocus, Wide Lens, 5 MP Color, Standard Light, White, High Speed, Plus Mode
V430-F Valid Product Matrix
Key
Classification
Code
Meaning
XXX
Focus Distance (mm)
000
Autofocus – Variable Distance
050
Fixed Focus at 50 mm
064
Fixed Focus at 64 mm
081
Fixed Focus at 81 mm
102
Fixed Focus at 102 mm
133
Fixed Focus at 133 mm
190
Fixed Focus at 190 mm
300
Fixed Focus at 300 mm
400
Fixed Focus at 400 mm
Y
Lens
W
Wide Field of View – 5.2 mm Focal Length Lens
M
Medium Field of View – 7.7 mm Focal Length Lens
N
Narrow Field of View – 16 mm Focal Length Lens
L
Narrow 16 mm Lens – Autofocus to 1160 mm
ZZZ
Sensor
03M
752 x 480 (0.3 MP) Pixel, Mono Sensor, Global Shutter
12M
1280 x 960 (1.2 MP) Pixel, Mono Sensor, Global Shutter
50C
2592 x 1944 (5 MP) Pixel, Color Sensor, Rolling Shutter
L
Light Type
N
No Outer Light
S
Standard Outer Light
R
Ring Light
C
Light Color
N
No Outer Light
RRed
WWhite
P
Software License
P
High Speed, Plus Mode
X
High Speed, X-Mode
Model
Category
Focus Type
Sensor
Lens
Focus Distance (mm)
Light
License
V430-F
Monochrome
Fixed Focus
03M, 12M
W, M
50, 64, 81, 102, 133,
190, 300
None, Red,
White
P, X
12M
N
64, 400
None, Red,
White
P, X
Autofocus
03M
W, M
50 <-> 300 Autofocus
None, Red,
White
P, X
12M
W, M, N
50 <-> 300 (W, M)
40 <-> 150 (N)
Autofocus
None, Red,
White
P, X
Color
Fixed Focus
50C
W, M
50, 64, 81, 102, 133,
190, 300
None, White
P, X
Autofocus
50C
W, M
50 <-> 300 Autofocus
None, White
P, X
Specialty
Ring Light
Autofocus
12M
M, N
50 <-> 300 (M)
40 <-> 150 (N)
Autofocus
Red, White
(Ring)
X
Long Range
Autofocus
12M
L
75 <->1160 Autofocus
None, Red,
White
P, X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com