Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP32434AEVB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP32434AEVB
Description  6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32434AEVB Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP32434AEVB Datasheet HTML 1Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 2Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 3Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 4Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 5Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 6Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 7Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 8Page - Vishay Siliconix SIP32434AEVB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SIP32434
www.vishay.com
Vishay Siliconix
S22-0384-Rev. B, 02-May-2022
4
Document Number: 63147
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE
Fig. 2 - Pin Out Drawing (top view)
Soft Start Control
Output rise up time
tR
VIN = 12 V, RL = 10 , CL = 10 μF, VOUT from
10 % to 90 % VIN, CSS open
-
560
-
μs
VIN = 12 V, RL = 10 , CL = 10 μF, VOUT from
10 % to 90 % VIN, CSS = 22 nF
-4.7
-
ms
SS charge current
-5
-
μA
Auto Retry
Auto retry cycle
RTYcnt
Delay time of restart after all faults are
removed; this is defined as the number of
cycles of soft start time set by CSS
-32
-
Thermal Shutdown
Thermal shutdown
Temperature increases
-
165
-
°C
Thermal shutdown hysteresis
-
45
-
°C
PIN DESCRIPTION
PIN #
NAME
FUNCTION
1, 2
VIN
Power switch input pins; two pins are fused inside the package
3
SS
A capacitor from this pin to GND sets output voltage slew rate
4
EN / UVLO
Active high switch control input; VTHL < 0.3 V, VTHH > 1.4 V
5ILIM / IMON
A resistor from this pin to GND sets the overload and short-circuit current limit; the pin can be used
for current reporting, referring to the voltage developed over the current limit setting resistor
6
GND
Ground
7OVP
Input for setting the programmable overvoltage protection threshold. An overvoltage event
turns-off the internal FET and asserts FLT to indicate the overvoltage fault
8PGD
Open drain output, when VOUT is  95 % VIN, and none of the following faults are triggered:
OT, OC, OV
9, 10
VOUT
Power switch output pins; two pins are fused inside the package
Exposed pad
GND
The package’s central exposed pad must be connected to the ground plane; optimal PCB thermal
design will enhance device performance
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS SPECIFIED
VIN = 12 V, TJ = -40 °C to +125 °C,
VEN(H) = 2.4 V, COUT = 0.1 μF, RLIM = 4.1 k
LIMITS
UNIT
MIN.
TYP.
MAX.
Exposed pad
GND
1
2
4
3
5
10
9
7
8
6
I
LIM / IMON
V
IN
V
IN
EN
SS
V
OUT
PGD
V
OUT
OVP
GND
SIP32434
DFN10, pin 1 dot marking is on top of the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com