Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP Datasheet(PDF) 1 Page - C&K Components

Part # TDP
Description  Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TDP Datasheet(HTML) 1 Page - C&K Components

  TDP Datasheet HTML 1Page - C&K Components TDP Datasheet HTML 2Page - C&K Components TDP Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
H
H–3
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
TDP Series
Ultra-miniature Surface Mount
Half-pitch Side-Actuated DIP Switches
Specifications
SWITCH FUNCTION: SPST — 2, 4, 6, 8, 10 positions.
CONTACT RATING:
24 V DC, 25 mA (switching).
50 V DC, 100 mA (steady state).
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles.
CONTACT RESISTANCE: 100 mΩ max.
INSULATION RESISTANCE: 100 MΩ @ 100 V DC min.
DIELECTRIC STRENGTH: 300 V AC min.
STORAGE TEMPERATURE: –40°C to 85°C.
OPERATING TEMPERATURE: –40°C to 85°C.
OPERATING FORCE: 4,9N max.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
PACKAGING: Switches supplied in rigid dispensing tubes in full tube
quantities only, this may affect order quantity. Tape and reel
packaging also available.
Features/Benefits
• World’s first ultra-miniature SMT half-pitch
side-actuated DIP
• Side actuation allows visual indication of
on/off position in horizontal applications
• Process sealed for surface mount soldering
and washable processing
• RoHS compliant
• Lead free
Typical Applications
• Hand-held electronic devices
• Portable computer and
electronic devices
• Instrumentation and controls
Materials
CASE & COVER: glass filled PPS (UL94V-0).
ACTUATOR: PA6T (UL94V-0).
CONTACTS: Copper alloy with gold plate over nickel plate.
TERMINALS: Copper alloy, with gold over nickel plate.
All terminals are insert molded.
TAPE SEAL: Polyimide.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Designation
TDP
Number
of Positions
02
04
06
08
10
Actuator
H0 Flush Actuator
H1 Extended Actuator
Terminations
S Gull wing
Contact Material
B Gold
Tape Seal
(None) with tape
D No tape
Terminal Seal
1 Terminals are sealed
Packaging
(None) Tubes
R Tape and Reel
TD PB
S
1
Note: Tape seal is not available with H1 Extended Actuators.
How To Order
The Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate
box.
All switches supplied in “OFF” position.


Similar Part No. - TDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
260Kb / 4P
Molded, Dual-In-Line Resistor Networks
16-May-07
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
logo
Delta Electronics, Inc.
TDP DELTA-TDP Datasheet
684Kb / 1P
HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
logo
Vishay Siliconix
TDP VISHAY-TDP Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
logo
Automatic Timing & Cont...
TDP ATC-TDP Datasheet
297Kb / 1P
Percentage Timer Relay Output
More results

Similar Description - TDP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA10H0SK1R ETC1-TDA10H0SK1R Datasheet
44Kb / 1P
Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
ITT Industries
BPA02B ITT-BPA02B Datasheet
181Kb / 2P
Side Actuated DIP Switches
TDA02H0SB1 ITT-TDA02H0SB1 Datasheet
126Kb / 1P
Ultra-miniature Surface Mount Half-pitch DIP Switches
TDP08H0SBD1 ITT-TDP08H0SBD1 Datasheet
188Kb / 2P
Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
168Kb / 3P
Side Actuated DIP Switches
TDA CK-COMPONENTS-TDA Datasheet
142Kb / 2P
Ultra-miniature Surface Mount Half-pitch DIP Switches
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
TDA01H0SB1 CK-COMPONENTS-TDA01H0SB1 Datasheet
233Kb / 3P
Ultra-miniature Surface Mount Half-pitch DIP Switches
BP CK-COMPONENTS-BP Datasheet
58Kb / 3P
Side Actuated DIP Switches
1997
TDA CK-COMPONENTS-TDA_V01 Datasheet
242Kb / 3P
Ultra-miniature Surface Mount Half-pitch DIP Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com