Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV75712PDRVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75712PDRVR
Description  TPS38700Q1EVM Voltage Sequencer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV75712PDRVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV75712PDRVR Datasheet HTML 4Page - Texas Instruments TLV75712PDRVR Datasheet HTML 5Page - Texas Instruments TLV75712PDRVR Datasheet HTML 6Page - Texas Instruments TLV75712PDRVR Datasheet HTML 7Page - Texas Instruments TLV75712PDRVR Datasheet HTML 8Page - Texas Instruments TLV75712PDRVR Datasheet HTML 9Page - Texas Instruments TLV75712PDRVR Datasheet HTML 10Page - Texas Instruments TLV75712PDRVR Datasheet HTML 11Page - Texas Instruments TLV75712PDRVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
2.2 TPS38700Q1EVM Bill of Materials
Table 2-1. BOM
DESIGNATOR
QTY
VALUE
DESCRIPTION
PACKAGE
REFERENCE
PART NUMBER
MANUFACTURER
PCB
1
Printed Circuit Board
LP048
Any
C1, C2, C13,
C15, C16
5
10 µF
10 µF ±10% 25 V Ceramic
Capacitor X7S 0805 (2012
Metric)
0805
C2012X7S1E106K125AC TDK
C3, C4, C14
3
0.1 µF
0.1 µF ±10% 10 V Ceramic
Capacitor X7R 0402 (1005
Metric)
0402
885012205018
Wurth Electronics
C5, C6
2
12 pF
CAP, CERM, 12 pF, 50 V, +/-
5%, C0G/NP0, 0201
0201
GRM0335C1H120JA01D
MuRata
C7, C9, C10
3
0.1 µF
CAP, CERM, 0.1 µF, 50 V, +/-
10%, X7R, 0603
0603
06035C104KAT2A
AVX
C8
1
10 µF
10 µF ±10% 10 V Ceramic
Capacitor X5R 0603 (1608
Metric)
0603
C1608X5R1A106K080AC TDK
C11, C12
2
100 pF
CAP, CERM, 100 pF, 50 V, +/-
5%, C0G/NP0, 0603
0603
06035A101JAT2A
AVX
D1, D2
2
Red
LED, Super Red, SMD
SMD
150060SS75000
Wurth Elektronik
FID1, FID2, FID3
3
Fiducial mark. There is nothing
to buy or mount.
N/A
N/A
H1, H2, H3, H4
4
Bumpon, Hemisphere, 0.44 X
0.20, Clear
SJ-5303 (CLEAR)
3M
J1, J2, J5
3
Terminal Block, 5.08 mm, 2x1,
Brass, TH
2x1 TH
ED120/2DS
On-Shore Technology
J3, J4, J6, J7, J8,
J9, J10, J11, J12,
J13, J14, J15,
J16, J17, J18
15
Header, 100mil, 3x1, Gold, TH
3x1 TH
TSW-103-07-G-S
Samtec
J19
1
Header (shrouded), 100mil, 5x2,
Gold, TH
5x2 TH
5103308-1
TE Connectivity
J20, J21, J22,
J23, J24, J25,
J26, J27, J28,
J29, J30, J31,
J32, J34, J35
15
Header, 100mil, 2x1, Gold, TH
2x1 TH
TSW-102-07-G-S
Samtec
LBL1
1
Thermal Transfer Printable
Labels, 0.650" W x 0.200" H -
10,000 per roll
THT-14-423-10
Brady
R1, R2, R6, R7,
R8, R9, R10,
R11, R12, R13,
R14, R15, R16,
R17, R18, R19,
R20, R21, R22,
R23, R24, R25,
R26, R27, R28,
R29
26
10.0 kΩ RES, 10.0 kΩ, 1%, 0.1 W, 0603 0603
RC0603FR-0710KL
Yageo
R3, R32
2
1 Ω
1 Ω ±1% 0.25 W, ¼ W Chip
Resistor 0603 (1608 Metric)
Automotive AEC-Q200, Pulse
Withstanding Thick Film
0603
RCS06031R00FKEA
Vishay
R4, R33
2
1.0 kΩ
RES, 1.0 kΩ, 5%, 0.1 W, 0603
0603
RC0603JR-071KL
Yageo
R5
1
4.7 kΩ
RES, 4.70 kΩ, 1%, 0.063 W,
0402
0402
CRG0402F4K7
TE Connectivity
R30, R31
2
2.2 kΩ
RES, 2.2 kΩ, 5%, 0.1 W, 0603
0603
RC0603JR-072K2L
Yageo
R34, R36
2
10.0 kΩ RES, 10.0 kΩ, 1%, 0.1 W, 0603 0603
RCG060310K0FKEA
Vishay Draloric
Schematic, Bill of Materials, and Layout
www.ti.com
8
TPS38700Q1EVM Voltage Sequencer
SNVU771A – JULY 2021 – REVISED APRIL 2022
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com