Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3147 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP3147
Description  Photocouplers Photorelay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3147 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3147 Datasheet HTML 1Page - Toshiba Semiconductor TLP3147 Datasheet HTML 2Page - Toshiba Semiconductor TLP3147 Datasheet HTML 3Page - Toshiba Semiconductor TLP3147 Datasheet HTML 4Page - Toshiba Semiconductor TLP3147 Datasheet HTML 5Page - Toshiba Semiconductor TLP3147 Datasheet HTML 6Page - Toshiba Semiconductor TLP3147 Datasheet HTML 7Page - Toshiba Semiconductor TLP3147 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP3147
2
5. Internal Circuit
6. Absolute Maximum Ratings (Note) (Unless otherwise specified, Ta = 25 �)
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Input forward current (pulsed)
Input reverse voltage
Input power dissipation
Input power dissipation derating
Junction temperature
OFF-state output terminal voltage
ON-state current
ON-state current derating
ON-state current (pulsed)
Output power dissipation
Output power dissipation derating
Junction temperature
Storage temperature
Operating temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 25 �)
(100 µs pulse, 100 pps)
(Ta ≥ 25 �)
(Ta ≥ 25 �)
(t = 100 ms)
(Ta ≥ 25 �)
(10 s)
(AC, 60 s, R.H. ≤ 60 %)
Symbol
IF
∆IF/∆Ta
IFP
VR
PD
∆PD/∆Ta
Tj
VOFF
ION
∆ION/∆Ta
IONP
PO
∆PO/∆Ta
Tj
Tstg
Topr
Tsol
BVS
Note
(Note 1)
Rating
30
-0.3
1
6
50
-0.5
125
60
2.5
-25.0
7.5
300
-3.0
125
-55 to 125
-40 to 110
260
1500
Unit
mA
mA/�
A
V
mW
mW/�
�
V
A
mA/�
A
mW
mW/�
�
�
�
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: This device is considered as a two-terminal device: Pins 1 and 2 are shorted together, and pins 3 and 4 are
shorted together.
7. Recommended Operating Conditions (Note)
Characteristics
Supply voltage
Input forward current
ON-state current
Operating temperature
Symbol
VDD
IF
ION
Topr
Note
Min
�
5
�
-20
Typ.
�
10
�
�
Max
48
25
2.5
85
Unit
V
mA
A
�
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this data sheet should also be considered.
2022-01-27
Rev.2.0
©2018-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com