Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1835AAS Datasheet(PDF) 12 Page - Analog Devices

Part # AD1835AAS
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1835AAS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1835AAS Datasheet HTML 8Page - Analog Devices AD1835AAS Datasheet HTML 9Page - Analog Devices AD1835AAS Datasheet HTML 10Page - Analog Devices AD1835AAS Datasheet HTML 11Page - Analog Devices AD1835AAS Datasheet HTML 12Page - Analog Devices AD1835AAS Datasheet HTML 13Page - Analog Devices AD1835AAS Datasheet HTML 14Page - Analog Devices AD1835AAS Datasheet HTML 15Page - Analog Devices AD1835AAS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. 0
–12–
AD1835A
DAC ENGINE
CLOCK SCALING
1
2
2/3
MCLK
DAC I/P
INTERPOLATION
FILTER
Σ-∆
MODULATOR
DAC
48kHz/96kHz/192kHz
ADC ENGINE
ADC O/P
OPTIONAL
HPF
DECIMATOR /
FILTER
48kHz/96kHz
ANALOG
OUTPUT
ANALOG
INPUT
12.288MHz
IMCLK = 24.576MHz
Σ-∆
MODULATOR
Figure 2. Modulator Clocking Scheme
CLATCH
CCLK
CIN
COUT
D0
D8
D0
D15
D14
D9
D8
t
CCH tCCL
D9
t
CDS tCDH
t
CLS
t
CLH
t
COD
t
COTS
t
CCP
t
COE
Figure 3. Format of SPI Timing
RESET and Power-Down
PD/RST will power down the chip and set the control registers
to their default settings. After
PD/RST is deasserted, an
initialization routine will run inside the AD1835A to clear all
memories to zero. This initialization lasts approximately 20
LRCLK intervals. During this time, it is recommended that no
SPI writes occur.
Power Supply and Voltage Reference
The AD1835A is designed for 5 V supplies. Separate power supply
pins are provided for the analog and digital sections. These pins
should be bypassed with 100 nF ceramic chip capacitors, as
close to the pins as possible, to minimize noise pickup. A bulk
aluminum electrolytic capacitor of at least 22 F should also be
provided on the same PC board as the codec. For critical applica-
tions, improved performance will be obtained with separate
supplies for the analog and digital sections. If this is not possible,
it is recommended that the analog and digital supplies be isolated
by means of two ferrite beads in series with the bypass capacitor
of each supply. It is important that the analog supply be as clean
as possible.
The internal voltage reference is brought out on the FILTR pin
and should be bypassed as close as possible to the chip, with a
parallel combination of 10
µF and 100 nF. The reference voltage
may be used to bias external op amps to the common-mode
voltage of the analog input and output signal pins. The current
drawn from the VREF pin should be limited to less than 50 A.
Serial Control Port
The AD1835A has an SPI compatible control port to permit
programming the internal control registers for the ADCs and
DACs and for reading the ADC signal levels from the internal
peak detectors. The SPI control port is a 4-wire serial control
port. The format is similar to the Motorola SPI format except
the input data-word is 16 bits wide. The maximum serial bit
clock frequency is 12.5 MHz and may be completely asyn-
chronous to the sample rate of the ADCs and DACs. Figure 3
shows the format of the SPI signal.
Serial Data Ports—Data Format
The ADC serial data output mode defaults to the popular I
2S
format, where the data is delayed by 1 BCLK interval from the
edge of the LRCLK. By changing Bits 6 to 8 in ADC Control
Register 2, the serial mode can be changed to right-justified
(RJ), left-justified DSP (DSP), or left-justified (LJ). In the
RJ mode, it is necessary to set Bits 4 and 5 to define the width
of the data-word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com