| Electronic Components Datasheet Search |
|
DRA821U4...ALM Datasheet(PDF) 75 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U4...ALM Datasheet(HTML) 75 Page - Texas Instruments |
|
75 / 252 page ![]() Table 6-91. MCASP1 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP1_AXR10 MCASP Serial Data (Input/Output) IO T14 MCASP1_AXR11 MCASP Serial Data (Input/Output) IO U18 Table 6-92. MCASP2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP2_ACLKR MCASP Receive Bit Clock IO W19 MCASP2_ACLKX MCASP Transmit Bit Clock IO U12 MCASP2_AFSR MCASP Receive Frame Sync IO W14 MCASP2_AFSX MCASP Transmit Frame Sync IO V13 MCASP2_AXR0 MCASP Serial Data (Input/Output) IO AA16 MCASP2_AXR1 MCASP Serial Data (Input/Output) IO W17 MCASP2_AXR2 MCASP Serial Data (Input/Output) IO W20 MCASP2_AXR3 MCASP Serial Data (Input/Output) IO V14 MCASP2_AXR4 MCASP Serial Data (Input/Output) IO W14 MCASP2_AXR5 MCASP Serial Data (Input/Output) IO W19 6.3.23 DMTIMER 6.3.23.1 MAIN Domain Table 6-93. DMTIMER Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] TIMER_IO0 Timer Inputs and Outputs (not tied to single timer instance) IO N19, V1 TIMER_IO1 Timer Inputs and Outputs (not tied to single timer instance) IO N20, W1 TIMER_IO2 Timer Inputs and Outputs (not tied to single timer instance) IO N21 TIMER_IO3 Timer Inputs and Outputs (not tied to single timer instance) IO M19 TIMER_IO4 Timer Inputs and Outputs (not tied to single timer instance) IO P21 TIMER_IO5 Timer Inputs and Outputs (not tied to single timer instance) IO M20 TIMER_IO6 Timer Inputs and Outputs (not tied to single timer instance) IO T18 TIMER_IO7 Timer Inputs and Outputs (not tied to single timer instance) IO T20 6.3.23.2 MCU Domain Table 6-94. DMTIMER Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_TIMER_IO0 Timer Inputs and Outputs (not tied to single timer instance) IO B17 MCU_TIMER_IO1 Timer Inputs and Outputs (not tied to single timer instance) IO A19, C16 MCU_TIMER_IO2 Timer Inputs and Outputs (not tied to single timer instance) IO C12 www.ti.com DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 75 Product Folder Links: DRA821U-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |