| Electronic Components Datasheet Search |
|
DRA821U4...ALM Datasheet(PDF) 197 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U4...ALM Datasheet(HTML) 197 Page - Texas Instruments |
|
197 / 252 page ![]() SPI_CS[i] (IN) SPI_SCLK (IN) SPI_SCLK (IN) SPI_D[x] (OUT) SPI_CS[i] (IN) SPI_SCLK (IN) SPI_SCLK (IN) SPI_D[x] (OUT) Bit n-1 Bit n-2 Bit n-3 Bit n-4 Bit 0 Bit n-1 Bit n-2 Bit n-3 Bit 1 Bit 0 PHA=0 EPOL=1 POL=0 POL=1 POL=0 POL=1 PHA=1 EPOL=1 SS6 SS3 SS1 SS3 SS1 SS3 SS1 SS2 SS1 SS6 SS6 SS8 SS9 SS7 SS8 SS2 SS3 SS2 SS2 SS6 SS6 SS6 SS9 SPRSP08_TIMING_McSPI_03 Figure 7-82. MCSPI Peripheral Mode Transmit Timing For more information, see Multichannel Serial Peripheral Interface (MCSPI) section in Peripherals chapter in the device TRM. 7.9.5.16 eMMC/SD/SDIO The MMCSD Host Controller provides an interface to eMMC 5.1 (embedded MultiMedia Card), SD 4.10 (Secure Digital), and SDIO 4.0 (Secure Digital IO) devices. The MMCSD Host Controller deals with MMC/SD/SDIO protocol at transmission level, data packing, adding cyclic redundancy checks (CRCs), start/end bit insertion, and checking for syntactical correctness. For more details about features and additional description information on the device Multi Media Card, see the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description. Note MMC modes require software configuration of the delay settings, as shown in Table 7-53 and Table 7-63. Tuning algorithm should be implemented to meet input setup/hold time requirements for SDR50, DDR50 (only on MMCSD1), SDR104, HS200 and HS400 modes. www.ti.com DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 197 Product Folder Links: DRA821U-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |