Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0040 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAALSS0040
Description  High Dynamic Range LNA 800 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0040 Datasheet(HTML) 2 Page - Tyco Electronics

  MAALSS0040 Datasheet HTML 1Page - Tyco Electronics MAALSS0040 Datasheet HTML 2Page - Tyco Electronics MAALSS0040 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Dynamic Range LNA
800 - 1000 MHz
MAALSS0040
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VDD = 5 V
Parameter
Test Conditions
Units
Min
Typ
Max
Gain
900 MHz, PIN = -20 dBm
dB
15.8
16.8
17.8
Noise Figure
900 MHz, PIN = -20 dBm
dB
—
0.95
1.3
Output P1dB
900 MHz
dBm
—
14
—
Input IP3
Two tone, -20 dBm / tone, 300 KHz spacing, 900 MHz
dBm
—
13.5
—
Input VSWR
900 MHz, PIN = -20 dBm
—
—
1.5:1
—
Output VSWR
900 MHz, PIN = -20 dBm
—
—
1.7:1
—
Current
—
mA
—
40
60
Component List
Part
Value
Case Size
Manufacturer
L1
6.8 nH
0402
Coilcraft
L2
68 nH
0402
Coilcraft
C1
1000 pF
0402
Murata
C2
3.9 pF
0402
Murata
C3
100 pF
0402
Murata
C4, C5
0.1 µF
0402
Murata
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Application Schematic
L1
C1
V
DD
RF IN
RF OUT
C3
C2
L2
C5
C4
MAALSS0040
V
B
Lead-Free SOT-26 Plastic Package†
†
Reference Application Note M538 for lead-free solder reflow
recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com