Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMEF Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # RMEF
Description  General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMEF Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  RMEF Datasheet HTML 1Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 2Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 3Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 4Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev Date: 10/24/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMEF Series
General Purpose Thick Film Chip Resistor
100% RoHS Compliant Without Exemption
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
Test
Test Method
Procedure
Requirements
JIS-C-5201-1 4.8
IEC-60115-1 4.8
JIS-C-5201-1 4.13
2.5 times RCWV or Max. overload voltage
whichever is less for 5 seconds.
1%: ± (1 + 0.05 Ω)
5%: ± (2% + 0.1 Ω)
Leaching
JIS-C-5201-1 4.18
IEC-60068-2-58 8.2.1
260 ± 5ºC for 30 seconds
Individual leaching area ≤ 5%
Total leaching area ≤ 10%
Resistance to Soldering
Heat
JIS-C-5201-1 4.18
IEC-60115-1 4.18
260 ± 5ºC for seconds
1%: ± (0.5% + 0.05 Ω)
5%: ± (1% + 0.05 Ω)
Rapid Change of
Temperature
JIS-C-5201-1 4.19
IEC-60115-1 4.19
-55ºC to +155ºC, 5 cycles
1%: ± (0.5% + 0.05 Ω)
5%: ± (1% + 0.05 Ω)
Resistance to Solvent
JIS-C-5201-1 4.29
The tested resistor is immersed into isopropyl
alcohol of 20~25ºC for 60 seconds.
Then the resistor is left in the room for 48 hours.
1%: ± (0.5% + 0.05 Ω)
5%: ± (0.5% + 0.05 Ω)
Jumper: Max. 0.05 Ω after test
Damp Heat with Load
JIS-C-5201-1 4.24
IEC-60115-1 4.24
40 ± 2ºC, 90~95% R.H. RCWV or Max working
voltage whichever is less for 1000 hours with 1.5
hours "ON" and 0.5 hour "OFF".
1%: ± (1% + 0.05 Ω)
5%: ± (2% + 0.05 Ω)
Jumper: Max. 0.1 Ω after test
Load Life (Endurance)
JIS-C-5201-1 4.25
IEC-60115-1 4.25.1
70 ± 2ºC, RCWV or Max working voltage
whichever is less for 1000 hours with 1.5 hours
"ON" and 0.5 hour "OFF"
1%: ± (1% + 0.05 Ω)
5%: ± (3% + 0.1 Ω)
Jumper: Max. 0.1 Ω after test
Insulation Resistance
JIS-C-5201-1 4.6
IEC-60115-1 4.6
Apply 100VDC for 1 minute.
≥ 10G Ω
Bending Strength
JIS-C-5201-1 4.33
IEC-60115-1 4.33
Bending once for 5 seconds
D: 0402, 0603, 0805 = 5 mm
1206, 1210, 1812 = 3 mm
2010, 2512 = 2 mm
1%: ± (1% + 0.05 Ω)
5%: ± (1% + 0.05 Ω)
Temperature Coefficient of
Resistance (TCR)
Short Time Overload
Jumper: Overload current for 5 seconds
0402/0603/0805 = 2.5A
1206/1210/1812/2010/2512 = 5A
At 25/-55ºC and 25ºC/+155ºC, 25ºC is the
reference temperature
As per specification
IEC-60115-1 4.13
Jumper: Max 0.05 Ω after test
Mechanical Specifications (cont.)
0.120 ± 0.004
0.063 ± 0.008
0.022 ± 0.006
0.016 ± 0.008
0.020 ± 0.008
inches
3.05 ± 0.10
1.60 ± 0.20
0.55 ± 0.15
0.40 ± 0.20
0.50 ± 0.20
mm
0.120 ± 0.004
0.098 ± 0.008
0.022 ± 0.006
0.020 ± 0.008
0.020 ± 0.008
inches
3.05 ± 0.10
2.50 ± 0.20
0.55 ± 0.15
0.50 ± 0.20
0.50 ± 0.20
mm
0.177 ± 0.004
0.122 ± 0.008
0.022 ± 0.002
0.022 ± 0.008
0.028 ± 0.008
inches
4.50 ± 0.10
3.10 ± 0.20
0.55 ± 0.05
0.55 ± 0.20
0.70 ± 0.20
mm
0.197 ± 0.008
0.098 ± 0.008
0.022 ± 0.004
0.024 ± 0.008
0.024 ± 0.008
inches
5.00 ± 0.20
2.50 ± 0.20
0.55 ± 0.10
0.60 ± 0.20
0.60 ± 0.20
mm
0.248 ± 0.008
0.126 ± 0.008
0.022 ± 0.004
0.024 ± 0.008
0.024 ± 0.008
inches
6.30 ± 0.20
3.20 ± 0.20
0.55 ± 0.10
0.60 ± 0.20
0.60 ± 0.20
mm
Unit
RMEF2010
Type/Code
L
W
H
I1
I2
RMEF2512
RMEF1206
RMEF1812
RMEF1210



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com