Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA663201 Datasheet(PDF) 14 Page - Microchip Technology

Part # ATA663201
Description  LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA663201 Datasheet(HTML) 14 Page - Microchip Technology

Back Button ATA663201 Datasheet HTML 10Page - Microchip Technology ATA663201 Datasheet HTML 11Page - Microchip Technology ATA663201 Datasheet HTML 12Page - Microchip Technology ATA663201 Datasheet HTML 13Page - Microchip Technology ATA663201 Datasheet HTML 14Page - Microchip Technology ATA663201 Datasheet HTML 15Page - Microchip Technology ATA663201 Datasheet HTML 16Page - Microchip Technology ATA663201 Datasheet HTML 17Page - Microchip Technology ATA663201 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ATA663201/03/31/54
DS20006075D-page 14
 2018-2021 Microchip Technology Inc.
1.7
Typical Applications
FIGURE 1-14:
TYPICAL APPLICATION CIRCUIT SBC
FIGURE 1-15:
TYPICAL APPLICATION CIRCUIT VOLTAGE REGULATOR
Note:
The exposed pad must always be connected to GND (for the 8-Lead VDFN package).
ATA663254
ATA663231
DFN/SOIC
RXD
EN
NRES
TXD
VCC
VCC
Microcontroller
VCC
VBAT
node
pull up
VS
LIN
GND
100 nF
C2
220 pF
10 μF/50V
C3
C1
D1
2.2 μF
C4
100 nF
C5
LIN
GND
GND
R1
10 k
Ω
D2
R2
1 k
Ω
+
Note:
The exposed pad must always be connected to GND.
ATA663201
ATA663203
DFN
3 x 3
NRES
VCC
VCC
Microcontroller
VCC
VBAT
VS
GND
100 nF
C2
10 μF/50V
C1
D1
2.2 μF
C4
100 nF
C5
GND
GND
R1
10 k
Ω
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com