Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1504ASV Datasheet(PDF) 23 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 23 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 19Page - Microchip Technology ATF1504ASV Datasheet HTML 20Page - Microchip Technology ATF1504ASV Datasheet HTML 21Page - Microchip Technology ATF1504ASV Datasheet HTML 22Page - Microchip Technology ATF1504ASV Datasheet HTML 23Page - Microchip Technology ATF1504ASV Datasheet HTML 24Page - Microchip Technology ATF1504ASV Datasheet HTML 25Page - Microchip Technology ATF1504ASV Datasheet HTML 26Page - Microchip Technology ATF1504ASV Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 23
ATF1504ASV/ATF1504ASVL
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Contact Pad Spacing
Contact Pitch
MILLIMETERS
0.80 BSC
MIN
E
MAX
11.40
Contact Pad Length (X20)
Contact Pad Width (X20)
Y1
X1
1.50
0.55
NOM
C1
Contact Pad Spacing
11.40
Contact Pad to Center Pad (X20)
G1
0.25
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-23019-3EB Rev A
44-Lead Plastic Thin Quad Flatpack (3EB) - 10x10x1.0 mm Body [TQFP]
Atmel Legacy Global Package Code AIX
C1
C2
E
X1
Y2
G1
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com