| Electronic Components Datasheet Search |
|
HV2903/AHA Datasheet(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV2903/AHA Datasheet(HTML) 9 Page - Microchip Technology |
|
9 / 32 page ![]() 2017-2019 Microchip Technology Inc. DS20005721C-page 9 HV2803/HV2903/HV2904 TABLE 2-1: PIN FUNCTION TABLE Pin Number Symbol Description HV2803 HV2903, HV2904 A1 DOUT DOUT Data Out Logic Output A2 VLL VLL Logic Supply Voltage A3 SW10A SW10A Analog Switch 10 Terminal A A4 SW11A SW11A Analog Switch 11 Terminal A A5 SW12A SW12A Analog Switch 12 Terminal A A6 SW13A SW13A Analog Switch 13 Terminal A A7 SW14A SW14A Analog Switch 14 Terminal A A8 SW15A SW15A Analog Switch 15 Terminal A A9 SW16A SW16A Analog Switch 16 Terminal A A10 SW17A SW17A Analog Switch 17 Terminal A A11 SW18A SW18A Analog Switch 18 Terminal A A12 SW19A SW19A Analog Switch 19 Terminal A A13 SW20A SW20A Analog Switch 20 Terminal A A14 SW21A SW21A Analog Switch 21 Terminal A B1 CLK CLK Clock Logic Input for Shift Register B2 CLR CLR Latch Clear Logic Input B3 SW10B SW10B Analog Switch 10 Terminal B B4 SW11B SW11B Analog Switch 11 Terminal B B5 SW12B SW12B Analog Switch 12 Terminal B B6 SW13B SW13B Analog Switch 13 Terminal B B7 SW14B SW14B Analog Switch 14 Terminal B B8 SW15B SW15B Analog Switch 15 Terminal B B9 SW16B SW16B Analog Switch 16 Terminal B B10 SW17B SW17B Analog Switch 17 Terminal B B11 SW18B SW18B Analog Switch 18 Terminal B B12 SW19B SW19B Analog Switch 19 Terminal B B13 SW20B SW20B Analog Switch 20 Terminal B B14 SW21B SW21B Analog Switch 21 Terminal B C1 LE/EN LE/EN Latch Enable Logic Input, Low Active when in Individual Switching mode; Enable Logic Input when in Bank Switching mode C2 MODE MODE Logic Input to decide the Switching mode; L = Bank Switching, H = Individual Switching C13, C14 NC RGND No Connect/Ground for Bleed Resistor D1 DIN/AB DIN/AB Data in Logic Input when in Individual Switching mode; Logic Input to select Even SWs Bank or Odd SWs Bank when in Bank Switching mode D2 STBY STBY Logic Input for Standby State; L = Standby mode (default), H = Normal Operation D13, D14 VDD VDD Positive Supply Voltage E1 DGND DGND Digital Ground E2 VDD VDD Positive Supply Voltage E5-E10 GND GND Ground E13, E14 VSS VSS Negative Supply Voltage |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |