Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8893MQL Datasheet(PDF) 53 Page - Microchip Technology

Part # KSZ8893MQL
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8893MQL Datasheet(HTML) 53 Page - Microchip Technology

Back Button KSZ8893MQL Datasheet HTML 49Page - Microchip Technology KSZ8893MQL Datasheet HTML 50Page - Microchip Technology KSZ8893MQL Datasheet HTML 51Page - Microchip Technology KSZ8893MQL Datasheet HTML 52Page - Microchip Technology KSZ8893MQL Datasheet HTML 53Page - Microchip Technology KSZ8893MQL Datasheet HTML 54Page - Microchip Technology KSZ8893MQL Datasheet HTML 55Page - Microchip Technology KSZ8893MQL Datasheet HTML 56Page - Microchip Technology KSZ8893MQL Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 108 page
background image
 2019 Microchip Technology Inc.
DS00002897A-page 53
KSZ8893MQL/MBL
Register 3 (0x03): Global Control 1
7
Pass All Frames
R/W
1 = Switch all packets, including bad ones. Used solely
for debugging purposes. Works in conjunction with
Sniffer mode only.
0
6
Reserved
R/W
Reserved. Do not change the default value.
0
5
IEEE 802.3x
Transmit Direction
Flow Control Enable
R/W
1 = Will enable transmit direction flow control feature
0 = Will not enable transmit direction flow control feature;
switch will not generate any flow control (PAUSE)
frame
1
4
IEEE 802.3x
Receive Direction
Flow Control Enable
R/W
1 = Will enable receive direction flow control feature
0 = Will not enable receive direction flow control feature;
switch will not react to any flow control (PAUSE)
frame it receives
1
3
Frame Length Field
Check
R/W
1 = Will check frame length field in the IEEE packets; if
the actual length does not match, the packet will be
dropped (for Length/Type field < 1500)
0
2
Aging Enable
R/W
1 = Enable age function in the chip
0 = Disable age function in the chip
0
1
Fast Age Enable
R/W
1 = Turn on fast age (800 µs)
0
0
Aggressive Back-Off
Enable
R/W
1 = Enable more aggressive back-off algorithm in Half-
Duplex mode to enhance performance; this is not
an IEEE standard
0
Register 4 (0x04): Global Control 2
7
Unicast Port-VLAN
Mismatch Discard
R/W
This feature is used with port-VLAN (described in
Reg. 17, Reg. 33, etc.).
1 = All packets cannot cross VLAN boundary
0 = Unicast packets (excluding unknown/multicast/
broadcast) can cross VLAN boundary
Note:
Port mirroring is not supported if this bit is set to ‘0’.
1
6
Multicast Storm
Protection Disable
R/W
1 = “Broadcast Storm Protection” does not include
multicast packets; only DA = FF-FF-FF-FF-FF-FF
packets will be regulated
0 = “Broadcast Storm Protection” includes
DA = FF-FF-FF-FF-FF-FF and DA[40] = 1 packet
1
5
Backpressure Mode
R/W
1 = Carrier sense-based backpressure is selected
0 = Collision-based backpressure is selected
1
4
Flow Control and
Backpressure Fair
Mode
R/W
1 = Fair mode is selected. In this mode, if a flow control
port and a non-flow control port talk to the same
destination port, packets from the non-flow control
port may be dropped. This is to prevent the flow
control port from being flow controlled for an
extended period of time.
0 = In this mode, if a flow control port and a non-flow
control port talk to the same destination port, the
flow control port will be flow controlled. This may not
be “fair” to the flow control port.
1
3
No Excessive
Collision Drop
R/W
1 = The switch will not drop packets when 16 or more
collisions occur
0 = The switch will drop packets when 16 or more
collisions occur
0
TABLE 4-6:
GLOBAL REGISTERS (CONTINUED)
Bit
Name
R/W
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com