Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V89T-E/ST Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6V89T-E/ST
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V89T-E/ST Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6V89T-E/ST Datasheet HTML 7Page - Microchip Technology MCP6V89T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6V89T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6V89T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6V89T-E/ST Datasheet HTML 11Page - Microchip Technology MCP6V89T-E/ST Datasheet HTML 12Page - Microchip Technology MCP6V89T-E/ST Datasheet HTML 13Page - Microchip Technology MCP6V89T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6V89T-E/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006398A-page 11
MCP6V86/6U/7/9
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.2V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL =30pF.
2.3
Frequency Response
FIGURE 2-22:
CMRR and PSRR vs.
Frequency.
FIGURE 2-23:
Open-Loop Gain vs.
Frequency with VDD =2.2V.
FIGURE 2-24:
Open-Loop Gain vs.
Frequency with VDD =5.5V.
FIGURE 2-25:
Gain Bandwidth Product
and Phase Margin vs. Ambient Temperature.
FIGURE 2-26:
Gain Bandwidth Product
and Phase Margin vs. Common-Mode Input
Voltage.
FIGURE 2-27:
Gain Bandwidth Product
and Phase Margin vs. Output Voltage.
0
20
40
60
80
100
120
140
Frequency (Hz)
100
1k
10k
100k
1M
10M
CMRR
PSRR+
PSRR-
Representative Part
-270
-240
-210
-180
-150
-120
-90
-60
-30
-20
-10
0
10
20
30
40
50
60
1.E+04
1.E+05
1.E+06
1.E+07
f (Hz)
Open-Loop Gain
Open-Loop Phase
V
DD = 2.2V
C
L = 30 pF
10k
100k
1M
10M
-270
-240
-210
-180
-150
-120
-90
-60
-30
-20
-10
0
10
20
30
40
50
60
1.E+04
1.E+05
1.E+06
1.E+07
f (Hz)
Open-Loop Gain
Open-Loop Phase
V
DD = 5.5V
C
L = 30 pF
10k
100k
1M
10M
10
20
30
40
50
60
70
80
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
GBWP
PM
V
DD = 2.2V
V
DD = 5.5V
30
40
50
60
70
80
90
0
1
2
3
4
5
6
-1
0
1
2
3
4
5
6
Common-Mode Input Voltage (V)
V
DD = 5.5V
V
DD = 2.2V
PM
GBWP
20
30
40
50
60
70
80
1
2
3
4
5
6
7
0
1
2
3
4
5
6
Output Voltage (V)
V
DD = 5.5V
GBWP
PM
V
DD = 2.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com