Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT222A-2000-W Datasheet(PDF) 2 Page - CUI Devices

Part # AMT222A-2000-W
Description  MODULAR ABSOLUTE ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT222A-2000-W Datasheet(HTML) 2 Page - CUI Devices

  AMT222A-2000-W Datasheet HTML 1Page - CUI Devices AMT222A-2000-W Datasheet HTML 2Page - CUI Devices AMT222A-2000-W Datasheet HTML 3Page - CUI Devices AMT222A-2000-W Datasheet HTML 4Page - CUI Devices AMT222A-2000-W Datasheet HTML 5Page - CUI Devices AMT222A-2000-W Datasheet HTML 6Page - CUI Devices AMT222A-2000-W Datasheet HTML 7Page - CUI Devices AMT222A-2000-W Datasheet HTML 8Page - CUI Devices AMT222A-2000-W Datasheet HTML 9Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CUI DEVICES | SERIES: AMT22 | DESCRIPTION: MODULAR ABSOLUTE ENCODER
date 08/05/2022 | page 2 of 9
cuidevices.com
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
105
°C
humidity
non-condensing
85
%
vibration
10~500 Hz, 5 minute sweep, 2 hours on each XYZ
5
G
shock
3 pulses, 6 ms, 3 on each XYZ
200
G
RoHS
yes
SERIAL INTERFACE
parameter
conditions/description
min
typ
max
units
protocol
Serial Peripheral Interface Mode 0
frame size
8
bit
data rate
2
MHz
transceiver
SPI driven by PIC18F14K223
T
CLK
data shifted to output buffer4
2.5
µs
T
B
time between bytes
2.5
µs
T
CS
time between reads
40
µs
T
R
time before CS can be released
3
µs
Notes:
3. See Microchip documentation for more details.
4. This is the time it takes to load the most current position into the SPI buffer which prevents multiple read/response commands from being required.
1
K1
K0
D14
D13
D12
D11
D10
D9
CHIP SELECT
SCLK
MISO
1
First Command Char
T
CS
C7
C6
C5
C4
MOSI
23
4
5
6
7
8
C3
C2
C1
C0
D8
D7
D6
D5
D4
D3
D2
D1
C7
C6
C5
C4
C3
C2
C1
C1
T
CLK
T
B
23
4
5
6
7
8
Second Command Char
T
R
Figure 1
Timing Waveform
Values K1 and K0 in the response are checkbits. The checkbits are odd parity over the odd and even bits in the position response shown in
the equation below. The checkbits are not part of the position, but are used to verify its validity. The lower 14 bits are the encoder position.
Example:
Full response: 0x61AB
14-bit position: 0x21AB (8619 decimal)
Checkbit Formula
Odd: K1 = !(H5^H3^H1^L7^L5^L3^L1)
Even: K0 = !(H4^H2^H0^L6^L4^L2^L0)
From the above response 0x61AB:
Odd: 0 = !(1^0^0^1^1^1^1) = correct
Even: 1 = !(0^0^1^0^0^0^1) = correct
For 12-bit applications L0 and L1 are always 0. Because the low two bits are 0, 12-bit data will need right-shifted two bits. The checkbit
calculation remains the same and unaffected.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com