Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPSS0093 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0093
Description  RF Power Amplifier IC For 2.5 GHz ISM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0093 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0093 Datasheet HTML 1Page - Tyco Electronics MAAPSS0093 Datasheet HTML 2Page - Tyco Electronics MAAPSS0093 Datasheet HTML 3Page - Tyco Electronics MAAPSS0093 Datasheet HTML 4Page - Tyco Electronics MAAPSS0093 Datasheet HTML 5Page - Tyco Electronics MAAPSS0093 Datasheet HTML 6Page - Tyco Electronics MAAPSS0093 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RF Power Amplifier IC
For 2.5 GHz ISM
MAAPSS0093
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: VDD = +3.3 V, PIN = -2 dBm, Duty Cycle = 100 %, TS = 37 °C4
Measured on evaluation board shown on page 5.
Characteristic
Symbol
Unit
Min.
Typ.
Max.
Output Power, ƒ = 2450 MHz
POUT
dBm
25.3
26.5
—
Power Added Efficiency, ƒ = 2450 MHz
η
%
43
51
—
Current, ƒ = 2450 MHz
IDD
mA
—
265
415
Current for linear operation, ƒ = 2450 MHz
IDD
mA
—
265
—
Gain, ƒ = 2450 MHz, linear operation
G
dB
—
29.5
—
Harmonics, ƒ = 2450 MHz
2ƒ, 3ƒ, 4ƒ
dBc
—
-40
-30
Input VSWR, ƒ = 2450 MHz
—
Ratio
—
—
2.0:1
Off Isolation (VDD=0 V)
—
dB
—
40
—
Noise Figure, ƒ = 2450 MHz
—
dB
—
3.6
—
Thermal Resistance, junction to package bottom
RTH
°C/W
—
25
—
Third Order Intercept Point
(ƒ1=2450 MHz, ƒ2 = 2451 MHz, PIN = -20 dBm/tone)
IP3
dBm
—
43
—
Load Mismatch (VDD = 5.5 V, VSWR = 8:1, PIN = 0 dBm)
—
No Degradation in Power Output
Stability
(PIN = -2 to 2 dBm, VDD = 0 to +5.5 V, Load VSWR = 5:1, all phases)
—
All non-harmonically related outputs
more than 60 dB below desired signal
4. TS is the temperature measured at the soldering point of the downset paddle on the bottom of the package.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com