Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPSS0096 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0096
Description  1 Watt Power Amplifier 4.9 - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0096 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0096 Datasheet HTML 1Page - Tyco Electronics MAAPSS0096 Datasheet HTML 2Page - Tyco Electronics MAAPSS0096 Datasheet HTML 3Page - Tyco Electronics MAAPSS0096 Datasheet HTML 4Page - Tyco Electronics MAAPSS0096 Datasheet HTML 5Page - Tyco Electronics MAAPSS0096 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1 Watt Power Amplifier
4.9 - 6.0 GHz
MAAPSS0096
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Recommended Operating Conditions 4,5
4. Operation outside of these ranges may reduce product
reliability.
5. A 100-ohm resistor should be used in the gate voltage line.
Characteristic Symbol Unit
Min.
Typ.
Max.
Drain Voltage
VDD
V
4.5
7.0
8.0
Gate Voltage 5
VGG
V
-2.5
-1.8
-1.0
Input Power
PIN
dBm
—
15
Gate Current
IGG
mA
-4
1
+4
Case Temperature
TC
°C
-40
25
85
Electrical Specifications: TC = 40 °C, VDD = 7.0 V, VGG = -1.8 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Input VSWR
F = 5.825 GHz, PIN = +14 dBm
—
—
1.5:1
2.0:1
Gain
F = 5.825 GHz, PIN = 0 dBm
dB
18.0
20.5
—
P1dB
F = 5.825 GHz
dBm
—
29.5
—
Saturated Power
F = 5.825 GHz, PIN = +14 dBm
dBm
29.2
31.5
—
Drain Current at Psat
F = 5.825 GHz, PIN = +14 dBm
mA
—
500
600
2nd Harmonics
3rd Harmonics
Output Power = 29.5 dBm
dBc
dBc
—
—
-40
-70
—
—
Thermal resistance 3
2nd Stage Only
°C/W
—
31
—
Third-Order Intercept Point
dBm
—
40
—
Stability
+3 V < VDD < +10 V, PIN< +14 dBm, VSWR < 6:1,
-25 ºC < TC < 85 ºC, RBW = 3 MHz (max. hold)
—
All spurs < -70 dBc
Noise Figure
F = 5.825 GHz
dB
—
5.3
—
3. When using the thermal resistance, you must use the power dissipated by the second stage only (not the total power dissipated). The
second stage dissipates 80% of the total power.
Parameter
Absolute Maximum
Input Power (4.9 - 6.0 GHz)
+ 15 dBm
Operating Voltages
+10 volts
Operating Temperature
-40 °C to +70 °C
Channel Temperature
+150 °C
Storage Temperature
-40 °C to +150 °C
Absolute Maximum Ratings 6,7
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM does not recommend sustained operation near
these survivability limits.
Operating The MAAPSS0096
To operate the device, follow these steps.
1. Apply VGG = -1.8 V, VDD= 0 V.
2. Ramp VDD to desired voltage, typically 5 to 7 V.
3. Adjust VGG to set IDQ, (approximately –1.8 V).
4. Set RF input.
5. Power down in reverse sequence . Turn gate voltage
off last.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com