Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABACT0065 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0065
Description  4:1 Transmission Line Transformer 500-3000MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0065 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0065 Datasheet HTML 1Page - Tyco Electronics MABACT0065 Datasheet HTML 2Page - Tyco Electronics MABACT0065 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4:1 Transmission Line Transformer
500-3000MHz
MABACT0065
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1P
1
RoHS
Compliant
Features
• Surface Mount
• 4:1 Impedance, unbalanced to unbalanced
• Centre tap on secondary
• 260°C Reflow Compatible
• RoHS* Compliant
• RoHS version of ETC1.6-4-2-3
• Available on Tape and Reel. Reel quantity 2000
Description
M/A-COM’s MABACT0065 is a 4:1 RF transmission
line step-up transformer in a low cost, surface mount
package. Ideally suited for high volume cellular and
wireless applications. Typical applications include sin-
gle to balanced mode conversion and impedance
matching.
Ordering Information
Part Number
Package
MABACT0065TR
2000 piece reel
MABA-007949-CT65TB
Customer test board
Note: Reference Application Note M513 for reel size information.
Schematic
Pin No.
Function
1
Secondary Dot (output 1)
2
Secondary centre tap (ground)
3
Secondary (output 2)
4
Primary (ground)
5
Primary Dot (input)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-22
0.150
(3.81)
0.150 MAX
(3.81 MAX)
0.065
(1.65)
0.030
(0.762)
0.130
(3.30)
0.190
(4.83)
0.055
(1.397)
0.150
(3.81)
0.100
(2.54)
0.050
(1.27)
(0.762)
0.030
(0.762)
0.030
0.030
(0.762)
±5%
±5%
(2.77 TYP.)


Similar Part No. - MABACT0065

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0065 MA-COM-MABACT0065 Datasheet
127Kb / 3P
4:1 Transmission Line Transformer 500-3000MHz
MABACT0065 MA-COM-MABACT0065 Datasheet
137Kb / 4P
4:1 Transmission Line Transformer
MABACT0065-V3 MA-COM-MABACT0065-V3 Datasheet
596Kb / 4P
4:1 Transmission Line Transformer
MABACT0065TR MA-COM-MABACT0065TR Datasheet
127Kb / 3P
4:1 Transmission Line Transformer 500-3000MHz
MABACT0065 MA-COM-MABACT0065_15 Datasheet
596Kb / 4P
4:1 Transmission Line Transformer
More results

Similar Description - MABACT0065

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0039 MACOM-MABACT0039 Datasheet
70Kb / 3P
1:1 Transmission Line Transformer 5-3000MHz
MABACT0059 MACOM-MABACT0059 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer 4.5 - 3000MHz
logo
M/A-COM Technology Solu...
MABACT0065 MA-COM-MABACT0065 Datasheet
127Kb / 3P
4:1 Transmission Line Transformer 500-3000MHz
MABACT0039 MA-COM-MABACT0039 Datasheet
68Kb / 3P
1:1 Transmission Line Transformer 5-3000MHz
MABA-010129-CT4A40 MA-COM-MABA-010129-CT4A40 Datasheet
168Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABACT0065_V2 MA-COM-MABACT0065_V2 Datasheet
137Kb / 4P
4:1 Transmission Line Transformer
MABA-010268-CT4160 MA-COM-MABA-010268-CT4160 Datasheet
174Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABACT0066 MA-COM-MABACT0066 Datasheet
164Kb / 4P
Transformer, 4:1 transmission line
MABA-010129-CT4A40 MA-COM-MABA-010129-CT4A40_15 Datasheet
168Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABA-010268-CT4160 MA-COM-MABA-010268-CT4160_15 Datasheet
174Kb / 4P
Transformer, 1:4 Transmission Line Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com