Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABACT0069 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MABACT0069
Description  1:1 Transmission Line Transformer with tertiary winding 50-1200MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0069 Datasheet(HTML) 3 Page - Tyco Electronics

  MABACT0069 Datasheet HTML 1Page - Tyco Electronics MABACT0069 Datasheet HTML 2Page - Tyco Electronics MABACT0069 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1:1 Transmission Line Transformer with tertiary winding
50-1200MHz
MABACT0069
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1P
3
RoHS
Compliant
Insertion Loss 2 (Coupled pin 4 to pin 3)
Amplitude Unbalance
Phase Balance
Typical Performance Curves: TA = 25°C, Z0 = 75Ω
Input Return Loss
Insertion Loss 1 (Through pin 4 to pin 1)
-30
-25
-20
-15
-10
-5
0
50
280
510
740
970
1200
Frequency (MHz)
170
175
180
185
190
50
280
510
740
970
1200
Frequency (MHz)
-1.0
-0.5
0.0
0.5
1.0
50
280
510
740
970
1200
Frequency (MHz)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
50
280
510
740
970
1200
Frequency (MHz)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
50
280
510
740
970
1200
Frequency (MHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com