Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABACT0074 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABACT0074
Description  2.66:1 Transmission Line Transformer 50-870MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0074 Datasheet(HTML) 1 Page - Tyco Electronics

  MABACT0074 Datasheet HTML 1Page - Tyco Electronics MABACT0074 Datasheet HTML 2Page - Tyco Electronics MABACT0074 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.66:1 Transmission Line Transformer
50-870MHz
MABACT0074
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1P
1
RoHS
Compliant
Features
• Surface Mount
• 2.66:1 Impedance
• Excellent amplitude and phase balance
• 260°C Reflow Compatible
• RoHS* Compliant
• RoHS version of MABACT0017
• Available on Tape and Reel. Reel quantity 2000
Description
M/A-COM’s MABACT0074 is a 4:1 Tx Transformer.
This part is characterized in a 2.66:1 impedance en-
vironment. This Transformer is provided in a low
cost, surface mount package. The windings of the
MABACT0074 are welded to the package substrate
for improved reliability and reduced lead content.
Ideally suited for high volume CATV and Satellite
Ordering Information
Part Number
Package
MABACT0074TR
2000 piece reel
MABA-007970-CT74TB
Customer Test Board
Note: Reference Application Note M513 for reel size information.
Schematic
Pin No.
Function
1
Output 1: (Secondary dot)
2
Ground, Centre Tap
3
Output 2: (Secondary)
4
Ground (Primary)
5
Input (Primary dot)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-152
PRI
SEC


Similar Part No. - MABACT0074

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0074 MA-COM-MABACT0074 Datasheet
95Kb / 3P
2.66:1 Transmission Line Transformer 50-870MHz
MABACT0074 MA-COM-MABACT0074 Datasheet
95Kb / 3P
2.66:1 Transmission Line Transformer
MABACT0074TR MA-COM-MABACT0074TR Datasheet
95Kb / 3P
2.66:1 Transmission Line Transformer 50-870MHz
MABACT0074 MA-COM-MABACT0074_15 Datasheet
95Kb / 3P
2.66:1 Transmission Line Transformer
More results

Similar Description - MABACT0074

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007731-CT1980 MACOM-MABA-007731-CT1980 Datasheet
112Kb / 3P
1:1 Transmission Line Transformer 50-2150MHz
MABACT0013 MACOM-MABACT0013 Datasheet
106Kb / 3P
1:1 Transmission Line Transformer 50 - 2150 MHz
MABACT0017 MACOM-MABACT0017 Datasheet
171Kb / 3P
4:1 Tx Line Transformer 50-870MHz characterized in a 2.66:1 Z environment
logo
M/A-COM Technology Solu...
MABACT0074 MA-COM-MABACT0074 Datasheet
95Kb / 3P
2.66:1 Transmission Line Transformer 50-870MHz
MABA-007731-CT1980 MA-COM-MABA-007731-CT1980 Datasheet
99Kb / 3P
1:1 Transmission Line Transformer 50-2150MHz
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABACT0074 MA-COM-MABACT0074 Datasheet
95Kb / 3P
2.66:1 Transmission Line Transformer
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0074 MA-COM-MABACT0074_15 Datasheet
95Kb / 3P
2.66:1 Transmission Line Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com