Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS151D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS151D
Description  8-input multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS151D Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS151D Datasheet HTML 1Page - NXP Semiconductors 74ALS151D Datasheet HTML 2Page - NXP Semiconductors 74ALS151D Datasheet HTML 3Page - NXP Semiconductors 74ALS151D Datasheet HTML 4Page - NXP Semiconductors 74ALS151D Datasheet HTML 5Page - NXP Semiconductors 74ALS151D Datasheet HTML 6Page - NXP Semiconductors 74ALS151D Datasheet HTML 7Page - NXP Semiconductors 74ALS151D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74ALS151
8-input multiplexer
2
1991 Feb 08
853–1022 01670
FEATURES
• 8-to-1 multiplexing
• On chip decoding
• Multi-function capability
• Complementary outputs
• See 74ALS251 for 3-State version
DESCRIPTION
The 74ALS151 is a logic implementation of a single 8-position
switch with the switch position controlled by the state of three select
(S0, S1, S2) inputs. True (Y) and complementary (Y) outputs are
both provided.
The enable (E) is active-Low. When E is High, Y output is Low and
the Y output is High regardless of all other inputs.
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS151
8.0ns
8.0mA
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
E
VCC
I7
S0
S1
I6
I4
I5
I3
I2
Y
I1
I0
Y
9
8
GND
S2
SF00742
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
16-pin plastic DIP
74ALS151N
SOT38-4
16-pin plastic SO
74ALS151D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
I0 – I7
Data inputs
1.0/1.0
20
µA/0.1mA
S0 – S2
Select inputs
1.0/1.0
20
µA/0.1mA
E
Enable input (active-Low)
1.0/1.0
20
µA/0.1mA
Y, Y
Data outputs
130/240
2.6mA/24mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.
LOGIC SYMBOL
1
2
3
VCC = Pin 16
GND = Pin 8
SF00743
6
5
11
10
9
S0
S1
S2
7
4
12
13
14
15
E
YY
I0
I1
I2
I3
I4
I5
I6
I7
IEC/IEEE SYMBOL
SF00744
MUX
7
11
3
2
1
5
6
0
G
0
7
10
2
EN
9
4
14
13
12
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com