Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S30SC40 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S30SC40
Description  SEMICONDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S30SC40 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S30SC40 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - S30SC40

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S30SC4M SHINDENGEN-S30SC4M Datasheet
533Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
S30SC4MT SHINDENGEN-S30SC4MT Datasheet
447Kb / 2P
Twin Diode
logo
Inchange Semiconductor ...
S30SC4MT ISC-S30SC4MT Datasheet
239Kb / 2P
Schottky Barrier Rectifier
logo
Shindengen Electric Mfg...
S30SC4MT SHINDENGEN-S30SC4MT_17 Datasheet
1Mb / 4P
Schottky Barrier Diode
More results

Similar Description - S30SC40

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
SEMICONDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com