Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM61300 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM61300
Description  8-Channel Wave-Table Music Synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM61300 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM61300 Datasheet HTML 1Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 2Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 3Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 4Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 5Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 6Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 7Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 8Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Specifications* for
EM61000
8-Channel Wave-Table Music Synthesizer
3. Parts List
The EM61000 series have 8K×13 bit program ROM and 272 bytes RAM.
Part
number
Voice ROM
Input pin
I/O pin
Output
pin
DAC
Melody
EM61001
32K × 8 bits
8 (Port 1)
16
(Port 2, 3)
None
1
4 channel
EM61002
32K × 8 bits
None
8 (Port 2)
None
1
4 channel
EM61100
64K × 8 bits
8 (Port 1)
24
(Port 2, 3, 4)
None
2
8 channel
EM61200 128K × 8 bits
8 (Port 1)
24
(Port 2, 3, 4)
None
2
8 channel
EM61300 256K × 8 bits
8 (Port 1)
24
(Port 2, 3, 4)
None
2
8 channel
EM61400 512K × 8 bits
8 (Port 1)
24
(Port 2, 3, 4)
8
(Port 5)
2
8 channel
4. PIN DESCRIPTIONS
Symbol
I/O
Function
OSCI
I
Crystal in/Resistor.
OSCO
O
Clock output.
P1.0~7
I
Bit 0~7 of port 1 (except EM61002).
P2.0~7
I/O
Bit 0~7 of port 2.
P3.0~7
I/O
Bit 0~7 of port 3 (except EM61002).
P4.0~7
I/O
Bit 0~7 of port 4 (except EM61001, EM61002).
P5.0~7
O
Bit 0~7 of port 5 (except EM61001, EM61002, EM61100,
EM61200, EM61300).
VO1
O
Current output of DAC 1.
VO2
O
Current output of DAC 2(except EM61001, EM61002).
VDD
-
Positive power supply.
VSS
-
Negative power supply.
TEST
I
For test only (normally floating).
RESET
I
Reset pin (active low, internal pull-high)
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com