Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS30AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS30AD
Description  8-Input NAND gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS30AD Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS30AD Datasheet HTML 1Page - NXP Semiconductors 74ALS30AD Datasheet HTML 2Page - NXP Semiconductors 74ALS30AD Datasheet HTML 3Page - NXP Semiconductors 74ALS30AD Datasheet HTML 4Page - NXP Semiconductors 74ALS30AD Datasheet HTML 5Page - NXP Semiconductors 74ALS30AD Datasheet HTML 6Page - NXP Semiconductors 74ALS30AD Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
74ALS30A
8-input NAND gate
2
1991 Feb 08
853–1099 01670
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS30A
5.0ns
0.5mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
14-pin plastic DIP
74ALS30AN
SOT27-1
14-pin plastic SO
74ALS30AD
SOT108-1
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
GND
Y
NC
NC
G
H
NC
VCC
SC00029
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A – H
Data inputs
1.0/1.0
20
µA/0.1mA
Y
Data output
20/80
0.4mA/8mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.
LOGIC SYMBOL
VCC = Pin 14
GND = Pin 7
1234
5
6
11
12
AB
C
D
E
F
G
H
Y
8
SC00031
IEC/IEEE SYMBOL
SF00073
&
8
1
2
3
4
5
6
11
12
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
A
B
Y
8
1
2
SC00030
C
3
D
4
E
F
5
6
G
11
H
12
FUNCTION TABLE
INPUTS
OUTPUT
A
B
C
D
E
F
G
H
Y
H
H
H
H
H
H
H
H
L
L
X
X
X
X
X
X
X
H
X
L
X
X
X
X
X
X
H
X
X
L
X
X
X
X
X
H
X
X
X
L
X
X
X
X
H
X
X
X
X
L
X
X
X
H
X
X
X
X
X
L
X
X
H
X
X
X
X
X
X
L
X
H
X
X
X
X
X
X
X
L
H
H = High voltage level
L
= Low voltage level
X = Don’t care



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com