Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD74115BCPZ Datasheet(PDF) 90 Page - Analog Devices

Part # AD74115BCPZ
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115BCPZ Datasheet(HTML) 90 Page - Analog Devices

Back Button AD74115BCPZ Datasheet HTML 86Page - Analog Devices AD74115BCPZ Datasheet HTML 87Page - Analog Devices AD74115BCPZ Datasheet HTML 88Page - Analog Devices AD74115BCPZ Datasheet HTML 89Page - Analog Devices AD74115BCPZ Datasheet HTML 90Page - Analog Devices AD74115BCPZ Datasheet HTML 91Page - Analog Devices AD74115BCPZ Datasheet HTML 92Page - Analog Devices AD74115BCPZ Datasheet HTML 93Page - Analog Devices AD74115BCPZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 103 page
background image
Data Sheet
AD74115
REGISTER MAP
analog.com
Rev. 0 | 90 of 103
ADC Conversion Control Register
Address: 0x3B, Reset: 0x0000, Name: ADC_CONV_CTRL
This register controls the ADC conversions that must be performed.
Disable ADC conversions before making any changes to the ADC_CONV_CTRL register.
If enabling a sequence of conversions, ensure that any previous sequence has completed. Ensure that the ADC_BUSY bit in the LIVE_STA-
TUS register is 0 before enabling the next sequence.
Table 56. Bit Descriptions for ADC_CONV_CTRL
Bits
Bit Name
Description
Reset
Access
[15:14]
CONV_RATE_DIAG
Conversion Rate for Diagnostics. A value outside of those listed as follows selects a rate of 20 SPS.
0x0
R/W
00: sampling rate of 20 SPS and provides 50 Hz and 60 Hz noise rejection.
01: sampling rate of 4.8 kSPS.
10: sampling rate of 9.6 kSPS.
[13:12]
CONV_SEQ
Selects Single or Continuous Mode.
0x0
R/W
00: put ADC in standby mode. If converting continuously, stop conversions at the end of the current
sequence and leave the ADC powered up.
01: start single sequence conversion. Perform a single conversion on each enabled channel and
diagnostic. Once complete, ADC moves to the idle state.
10: start continuous conversions. Sequences continuously through the enabled channels and diagnostics.
Once conversions are stopped, the sequencer waits until the end of the current sequence before moving
to idle or ADC power down.
11: stop continuous conversions or power down the ADC. The ADC is powered down and takes 100 μs to
power up if subsequent conversions are requested.
11
DIAG_3_EN
Enable Conversions on Diagnostic 3.
0x0
R/W
10
DIAG_2_EN
Enable Conversions on Diagnostic 2.
0x0
R/W
9
DIAG_1_EN
Enable Conversions on Diagnostic 1.
0x0
R/W
8
DIAG_0_EN
Enable Conversions on Diagnostic 0.
0x0
R/W
[7:2]
RESERVED
Reserved.
0x0
R
1
CONV2_EN
Enable Conversions on Conversion 2.
0x0
R/W
0
CONV1_EN
Enables Conversions on Conversion 1.
0x0
R/W
Diagnostics Select Register
Address: 0x3C, Reset: 0x0000, Name: DIAG_ASSIGN
This register assigns diagnostics to the four available diagnostics inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com