Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE10 Datasheet(PDF) 1 Page - Guangzhou Reicu Electronic Technology Co., Ltd

Part # ADE10
Description  ADE10 Series-10W
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd

ADE10 Datasheet(HTML) 1 Page - Guangzhou Reicu Electronic Technology Co., Ltd

  ADE10 Datasheet HTML 1Page - Guangzhou Reicu Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 1 of 2
REV:13.1
Page 2 of 2
REV:13.1
AD5
Series
AC/DC CONVERTER
5W
Features
Efficiency up to 80%
2500VAC Isolation
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AD5-S03
AD5-S05
AC(V)
DC(V)
Input
1000
1000
+5
12
9
5
24
15
3.3
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB mounting design
Plastic case
Universal Input :85 ~ 264VAC,50/60Hz
AD5
Series
AC/DC CONVERTER
AD5-S09
AD5-S12
AD5-S15
AD5-S24
Design & Feature Considerations
Reduce output ripple, it is recommended to use capacitors at the output.
1. Output Ripple Reduction
It is recommended to use 47~100uF capacitors at the output.
Tthe products provide protection against overload, the unit is equipped with internal current limiting circuitry .
2. Overload Protection
AD5-D05
+12
+15
AD5-D12
AD5-D15
85-264
120-370
+500
556
417
333
208
+208
+167
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
AD5-D05-24
AD5-D05-12
5/24
5/5
800/200
AD5-D05-05
600/100
5/12
800/100
-25
+85
-40
+105
℃
2500
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Platic
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
85
Design & Feature Considerations
Reduce output ripple, it is recommended to use capacitors at the output.
1. Output Ripple Reduction
It is recommended to use 47~100uF capacitors at the output.
Tthe products provide protection against overload, the unit is equipped with internal current limiting circuitry .
2. Overload Protection
AC(L)
AC(N)
+Vo
0V
DC/DC
Converter
Cout
Load
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
45.0
(1.77)
35.00
(1.38)
55.0(2.17)
10.0
(0.390)
47.0(1.85)
20.0
(0.79)
20.5(0.81)
6.10(0.24)
1.00
(0.04)
1
2
3
4
5
6
7
8
Dual
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
NP
NP
NP
-Vo
Dual Island
NC
N
L
NC
N
L
+Vo
NP
COM
-Vo
NP
+Vo2
-Vo2
NP
+Vo1
-Vo1
Recommend
capacitive(uF)
Page 1 of 2
REV:13.1
Page 2 of 2
REV:13.1
AD10
Series
AC/DC CONVERTER
10W
Features
Efficiency up to 81%
2500VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Plastic case
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AD10-S03
AD10-S05
AC(V)
DC(V)
Input
2000
2000
+5
12
9
5
24
15
3.3
Universal Input :85 ~ 264VAC,50/60Hz
AD10
Series
AC/DC CONVERTER
AD10-S09
AD10-S12
AD10-S15
AD10-S24
AD10-D05
+12
+15
AD10-D12
AD10-D15
85-264
120-370
+1000
1111
833
667
417
+417
+333
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
AD10-D05-05
AD10-D05-24
5/5
5/12
1600/200
AD10-D05-12
1600/400
5/24
1600/100
-25
+85
-40
+105
℃
2500
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Platic
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
85
Recommend
capacitive(uF)
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Dual
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
NP
NP
NP
-Vo
Dual Island
NC
N
L
NC
N
L
+Vo
NP
COM
-Vo
NP
+Vo2
-Vo2
NP
+Vo1
-Vo1
45.0
(1.77)
35.00
(1.38)
62.0(2.40)
10.0
(0.39)
54.0(2.13)
20.0
(0.79)
22.5(0.89)
6.10(0.24)
1.00
(0.04)
1
2
3
4
5
6
7
8
Page 1 of 3
REV:15.1
Page 2 of 3
REV:15.1
AD15
Series
AC/DC CONVERTER
15W
Features
Efficiency up to 81%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Plastic case
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AD15-S03
AD15-S05
AC(V)
DC(V)
Input
3000
3000
+5
12
9
5
24
15
3.3
Universal Input :85 ~ 264VAC,50/60Hz
AD15
Series
AC/DC CONVERTER
AD15-S09
AD15-S12
AD15-S15
AD15-S24
AD15-D05
+12
+15
AD15-D12
AD15-D15
85-264
120-370
+1500
1667
1250
1000
625
+625
+500
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
AD15-D05-05
AD15-D05-24
5/5
5/12
2000/400
AD15-D05-12
2500/500
5/24
2000/200
-25
+85
-40
+105
℃
3000
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Recommend
capacitive(uF)
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Dual
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
NP
NP
NP
-Vo
Dual Island
NC
N
L
NC
N
L
+Vo
NP
COM
-Vo
NP
+Vo2
-Vo2
NP
+Vo1
-Vo1
45.0
(1.77)
35.00
(1.38)
62.0(2.40)
10.0
(0.39)
54.0(2.13)
20.0
(0.79)
22.5(0.89)
6.10(0.24)
1.00
(0.04)
1
2
3
4
5
6
7
8
Page 1 of 2
REV:15.1
Page 2 of 2
REV:15.1
ADM15
Series
AC/DC CONVERTER
15W
Features
Efficiency up to 83%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Plastic case
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
ADM15-S03
ADM15-S05
AC(V)
DC(V)
Input
3000
3000
+5
12
9
5
24
15
3.3
Universal Input :85 ~ 264VAC,50/60Hz
ADM15
Series
AC/DC CONVERTER
ADM15-S09
ADM15-S12
ADM15-S15
ADM15-S24
ADM15-D05
+12
+15
ADM15-D12
ADM15-D15
85-264
120-370
+1500
1667
1250
1000
625
+625
+500
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
ADM15-D05-05
ADM15-D05-24
5/5
5/12
1800/500
ADM15-D05-12
2500/500
5/24
1600/300
-25
+85
-40
+105
℃
3000
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Platic
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
85
Recommend
capacitive(uF)
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Dual
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
NP
NP
NP
-Vo
Dual Island
NC
N
L
NC
N
L
+Vo
NP
COM
-Vo
NP
+Vo2
-Vo2
NP
+Vo1
-Vo1
45.0
(1.77)
35.00
(1.38)
55.0(2.17)
10.0
(0.390)
47.0(1.85)
20.0
(0.79)
20.5(0.81)
6.10(0.24)
1.00
(0.04)
1
2
3
4
5
6
7
8
Page 1 of 3
REV:15.1
Page 2 of 3
REV:15.1
AD20
Series
AC/DC CONVERTER
20W
Features
Efficiency up to 84%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Plastic case
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AD20-S03
AD20-S05
AC(V)
DC(V)
Input
4000
4000
+5
12
9
5
24
15
3.3
Universal Input :85 ~ 264VAC,50/60Hz
AD20
Series
AC/DC CONVERTER
AD20-S09
AD20-S12
AD20-S15
AD20-S24
AD20-D05
+12
+15
AD20-D12
AD20-D15
85-264
120-370
+2000
2222
1667
1333
833
+833
+667
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
AD20-D05-05
AD20-D05-24
5/5
5/12
3000/400
AD20-D05-12
3500/500
5/24
3000/200
-25
+85
-40
+105
℃
3000
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Recommend
capacitive(uF)
Page 1 of 2
REV:13.1
Page 2 of 2
REV:13.1
ADM20
Series
AC/DC CONVERTER
20W
Features
Efficiency up to 81%
2500VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Plastc case
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
12
24
15
Universal Input :85 ~ 264VAC,50/60Hz
ADM20
Series
AC/DC CONVERTER
ADM20-S12
ADM20-S15
ADM20-S24
+12
+15
ADM20-D12
ADM20-D15
85-264
120-370
1667
1333
833
+833
+667
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
-25
+85
-40
+105
℃
2500
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Platic
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
85
Recommend
capacitive(uF)
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Dual
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
NP
NP
NP
-Vo
Dual Island
NC
N
L
NC
N
L
+Vo
NP
COM
-Vo
NP
+Vo2
-Vo2
NP
+Vo1
-Vo1
45.0
(1.77)
35.00
(1.37)
62.0(2.40)
10.0
(0.39)
54.0(2.13)
20.0
(0.79)
22.5(0.89)
6.10(0.24)
1.00
(0.04)
1
2
3
4
5
6
7
8
Page 1 of 3
REV:15.1
Page 2 of 3
REV:15.1
AD25
Series
AC/DC CONVERTER
25W
Features
Efficiency up to 84%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Plastic case
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AD25-S03
AD25-S05
AC(V)
DC(V)
Input
5000
5000
+5
12
9
5
24
15
3.3
Universal Input :85 ~ 264VAC,50/60Hz
AD25
Series
AC/DC CONVERTER
AD25-S09
AD25-S12
AD25-S15
AD25-S24
AD25-D05
+12
+15
AD25-D12
AD25-D15
165-264
200-370
+2500
2778
2083
1667
1042
+1042
+833
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
AD25-D05-05
AD25-D05-24
5/5
5/12
4000/400
AD25-D05-12
4000/1000
5/24
4000/200
-25
+85
-40
+105
℃
3000
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Recommend
capacitive(uF)
Page 1 of 2
REV:13.1
Page 2 of 2
REV:13.1
ADM25
Series
AC/DC CONVERTER
25W
Features
Efficiency up to 85%
2500VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Metal case
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
ADM25-S03M
ADM25-S05M
AC(V)
DC(V)
Input
5000
5000
+5
12
9
5
24
15
3.3
Universal Input :85 ~ 264VAC,50/60Hz
ADM25
Series
AC/DC CONVERTER
ADM25-S09M
ADM25-S12M
ADM25-S15M
ADM25-S24M
ADM25-D05M
+12
+15
ADM25-D12M
AD25M-D15M
85-264
120-370
+2500
2778
2083
1667
1042
+1042
+833
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
ADM25-D05-05M
ADM25-D05-24M
5/5
5/12
4000/400
ADM25-D05-12M
4000/1000
5/24
4000/200
-25
+85
-40
+105
℃
2500
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Metal
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
85
Recommend
capacitive(uF)
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Dual
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
NP
NP
NP
-Vo
Dual Island
NC
N
L
NC
N
L
+Vo
NP
COM
-Vo
NP
+Vo2
-Vo2
NP
+Vo1
-Vo1
45.0
(1.77)
35.00
(1.37)
62.0(2.40)
10.0
(0.39)
54.0(2.13)
20.0
(0.79)
22.5(0.89)
6.10(0.24)
1.00
(0.04)
1
2
3
4
5
6
7
8
Page 1 of 3
REV:15.1
Page 2 of 3
REV:15.1
AD30
Series
AC/DC CONVERTER
30W
Features
Efficiency up to 84%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Plastic case
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
Universal Input :85 ~ 264VAC,50/60Hz
AD30
Series
AC/DC CONVERTER
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
-25
+85
-40
+105
℃
3000
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Recommend
capacitive(uF)
AD30-S05
6000
+5
12
9
5
24
15
AD30-S09
AD30-S12
AD30-S15
AD30-S24
AD30-D05
+12
+15
AD30-D12
AD30-D15
165-264
200-370
+3000
3333
2500
2000
1250
+1250
+1000
AD30-D05-05
AD30-D05-24
5/5
5/12
5000/400
AD30-D05-12
5000/1000
5/24
5000/200
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
330
330
220
220
220
100
220/220
100/100
100/100
330/100
330/100
220/100
1000
1000
470
470
470
330
470/470
220/220
220/220
470/330
330/220
330/100
1000
1000
470
470
470
330
470/470
220/220
220/220
470/330
470/220
330/100
1000
1000
470
470
470
330
470/470
220/220
220/220
470/330
330/100
470/220
2200
2200
680
680
680
470
1000/1000
680/680
680/680
2000/680
2000/680
2000/330
680
680
470
680/680
680/680
2200
2200
680
680
680
470
22002200
680/680
680/680
2000/680
2000/680
2000/330
2200
2200
680
680
680
470
22002200
680/680
680/680
2000/680
2000/680
2000/330
2200
680
680
680
470
22002200
680/680
680/680
2000/680
2000/680
2000/330
77
82
83
84
84
85
82
83
83
83
83
83
77
82
83
84
84
85
82
83
83
83
83
83
82
83
84
84
85
82
84
84
84
84
84
75
75
78
78
80
81
75
78
79
73
73
75
75
76
80
80
81
83
76
80
81
75
79
80
76
76
80
81
81
83
76
80
83
76
80
81
76
76
80
81
81
83
76
80
83
76
80
81
75
75
80
81
82
84
75
81
82
73
76
76
81
82
84
81
82
研发中
研发中
Single/Double output
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
Page 1 of 2
REV:15.2
www.reicu.com
E-mail:service @reicu.com
Page 2 of 2
REV:15.2
ADM5
Series
AC/DC CONVERTER
5W
Features
Efficiency up to 79%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB mounting design
Universal Input :85 ~ 264VAC,47~440Hz
ADM5
Series
AC/DC CONVERTER
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
70
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
-25
+70
-40
+105
℃
3000
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
plastic
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Model Selection Guide
Order Code
Recommend
capacitive(uF)
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
ADM5-S03
ADM5-S05
1000
1000
+5
12
9
5
24
15
3.3
ADM5-S09
ADM5-S12
ADM5-S15
ADM5-S24
ADM5-D05
+12
+15
ADM5-D12
ADM5-D15
85-264
120-370
+500
556
417
333
208
+208
+167
ADM5-D05-24
ADM5-D05-12
5/24
5/5
800/200
ADM5-D05-05
600/100
5/12
800/100
330
330
220
220
220
100
220/220
100/100
100/100
330/100
330/100
220/100
75
75
78
78
80
81
75
78
79
73
73
75
Plastic case
20.5(0.81)
6.10(0.24)
1.00
(0.04)
36.0
(1.42)
25.00
(0.98)
48.5(1.91)
8.0
(0.315)
40.5(1.59)
16.0
(0.63)
1
2
3
4
5
6
7
8
Dual
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
NP
NP
NP
-Vo
Dual Island
NC
N
L
NC
N
L
+Vo
NP
COM
-Vo
NP
+Vo2
-Vo2
NP
+Vo1
-Vo1
Page 1 of 2
REV:13.1
Page 2 of 2
REV:13.1
AD50
Series
AC/DC CONVERTER
50W
Features
Efficiency up to 80%
2500VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Metal case
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
Universal Input :85 ~ 264VAC,50/60Hz
AD50
Series
AC/DC CONVERTER
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
-25
+85
-40
+105
℃
2500
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Metal
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
80
Recommend
capacitive(uF)
AD50-S05
10000
+5
12
9
5
24
15
AD50-S09
AD50-S12
AD50-S15
AD50-S24
AD50-D05
+12
+15
AD50-D12
AD50-D15
165-264
200-370
+5000
5555
4167
3333
2083
+2083
+1667
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
76.20
(3.00)
1.00(0.04)
76.20(3.00)
63.50(2.50)
10.16
(0.40)
20.32
(0.80)
20.32
(0.80)
40.64
(1.60)
20.00
(0.79)
4.60
(0.18)
1
2
3
4
5
6
7
8
10.16
(0.40)
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
+S
TRIM
-Vo
-S
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
Note: “*” marked model is developing
*
*
*
75
76
80
80
80
1500
1200
1000
1000
1000
Page 1 of 3
REV:15.3
www.reicu.com
E-mail:service @reicu.com
Page 2 of 3
REV:15.3
ADN3
Series
AC/DC CONVERTER
3W
Features
Efficiency up to 78%
3000VAC Isolation
Single output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB mounting design
Universal Input :85 ~ 264VAC,47~440Hz
ADN3
Series
AC/DC CONVERTER
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
70
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
120
Vp-p
m
%
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
-25
+70
-40
+105
℃
3000
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
plastic
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
Model Selection Guide
Order Code
Recommend
capacitive(uF)
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
ADN3-S03
ADN3-S05
500
500
12
9
5
15
3.3
ADN3-S09
ADN3-S12
ADN3-S15
85-264
120-370
333
250
200
330
330
220
220
220
65
72
72
78
78
Plastic case
Application circuit
24
3
13
12
14
1
L
N
+Vo
-Vo
C1
C2
AC-DC
CONVERTER
+
_
+
_
FUSE
LOAD
24
3
13
12
14
1
L
N
+Vo
-Vo
C1
C2
AC-DC
CONVERTER
+
_
+
_
FUSE
LOAD
NTC
MOV
CY
TVS
C3
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
22.86(0.90)
27.94(1.1)
15.24
(0.60)
20.30
(0.80)
31.80(1.25)
4.60
(0.18)
0.50(0.02)
31.80(1.25)
10.16
(0.40)
3
14
12
13
1
24
2
11
Note:
Unit:mm(inch)
NP
L
CS2
1
2
3
Pin
11
Function
12
NP
CS1
13
14
24
+Vo
-Vo
N
Page 3 of 3
REV:15.3
ADN3
Series
AC/DC CONVERTER
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
24
3
13
12
14
1
L
N
+Vo
-Vo
C1
C2
AC-DC
CONVERTER
+
_
+
_
FUSE
LOAD
Bridge rectifiers
CY
C1:22uF
33uF/400V
~
C2:Reference recommend capacitive
C2:Reference recommend capacitive
CY:2.2uF
C1:4.7uF
6.8uF/400V
~
C2:Reference recommend capacitive
CY:2.2uF
TVS:P6KE18A
C3:104/50V
C1:22uF
33uF/400V
~
(3)
(1)
(2)
L
L:3.3-4.7uH(3.3V,5V,9V)
6.8-10uH(12V,15V)
Page 1 of 2
REV:15.1
www.reicu.com
E-mail:service @reicu.com
Page 2 of 2
REV:15.1
ADM3_B
Series
AC/DC CONVERTER
3W
Features
Efficiency up to 76%
2500VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB mounting design
Universal Input :85 ~ 264VAC,47~440Hz
ADM3_B
Series
AC/DC CONVERTER
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
70
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
150
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
-25
+70
-40
+105
℃
2500
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Plastic
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Model Selection Guide
Order Code
Recommend
capacitive(uF)
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
ADM3-S03B
ADM3-S05B
600
909
+5
12
9
5
24
15
3.3
ADM3-S09B
ADM3-S12B
ADM3-S15B
ADM3-S24B
ADM3-D05B
+12
+15
ADM3-D12B
ADM3-D15B
85-264
120-370
+300
333
250
200
125
+125
+100
330
330
220
220
220
100
220/220
100/100
100/100
70
72
75
78
78
78
74
78
78
Plastic case
Dual
Note:
Unit:mm(inch)
N
L
+Vo
1
2
3
Pin
4
Single
5
NP
-Vo
N
L
+Vo
COM
-Vo
5.00(0.20)
18.00
(0.71)
0.80(0.03)
38.00
(1.496)
8.12
(0.32)
18.00
(0.71)
10.6
(0.42)
31.25
(1.23)
1
2
3
5
4
3
%
+Vo
-Vo
*
*
*
With "*" products are being developed
Page 1 of 2
REV:15.2
www.reicu.com
E-mail:service @reicu.com
Page 2 of 2
REV:15.2
ADM3
Series
AC/DC CONVERTER
3W
Features
Efficiency up to 76%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB mounting design
Universal Input :85 ~ 264VAC,47~440Hz
ADM3
Series
AC/DC CONVERTER
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
150
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
-25
+70
-40
+105
℃
Operating Temperature
Case
Storage
Cooling
Free air convection
Storage humidity
%
+95
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
MΩ
500
2×10
5
Isolation resistance
MTBF
K hours
500VDC
Case material
Plasticl(”/M” for Metal)
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
Model Selection Guide
Order Code
Recommend
capacitive(uF)
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
ADM3-S03(M)
ADM3-S05(M)
600
909
+5
12
9
5
24
15
3.3
ADM3-S09(M)
ADM3-S12(M)
ADM3-S15(M)
ADM3-S24(M)
ADM3-D05(M)
+12
+15
ADM3-D12(M)
ADM3-D15(M)
85-264
120-370
+300
333
250
200
125
+125
+100
330
330
220
220
220
100
220/220
100/100
100/100
70
72
75
78
78
78
74
78
78
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
70
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Dual
Note:
Unit:mm(inch)
N
L
+Vo
1
2
3
Pin
4
Single
5
NP
-Vo
N
L
+Vo
COM
-Vo
5.00(0.20)
18.00
(0.71)
0.80(0.03)
38.00
(1.496)
10.16
(0.40)
18.00
(0.71)
12.70
(0.50)
33.00
(1.30)
1
2
3
5
4
3
%
+Vo
-Vo
L
N
+Vo
-Vo
FG
L
N
FG
LCM
Cy
Cy
Cx
LOAD
MOV
MOV
MOV
FUSE
NTC
C1
C2
TVS
R
EMC recommended circuit
1. FUSE:I=3*Vo*Io/
/ Vin
Recommend
2A/250V(10-30W)
2.NTC: 10D-09
3.MOV: 7D471K
4.LCM: 5-20mH/0.5A
5.Cx: 104/275VAC
6.Cy: 102/400VAC
7.C1: 104/50V
8.C2: Reference value for capacitor
9.TVS: P6KE20CA,SMBJ20CA
AD15
Series
AC/DC CONVERTER
e
R
ICU
Page 3 of 3
REV:15.1
www.reicu.com
E-mail:service @reicu.com
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
80
-40
Metal case
Plastic case
Input Voltage Derating Graph Curve
Input Voltage(VAC)
0
20
40
60
80
100
85
120
264
120
Ambient temperature 25℃
285
Safe Operating Area
Application circuit
AC(L)
AC(N)
+Vo
0V
DC/DC
Converter
Cout
Load
Fuse
AC(L)
AC(N)
+Vo1
-Vo1
DC/DC
Converter
Cout
Load1
Fuse
+Vo2
-Vo2
Cout
Load2
Case material
Platic
Safety level
Single output
Others
Class II
Class I
L
N
+Vo
-Vo
FG
L
N
FG
LCM
Cy
Cy
Cx
LOAD
MOV
MOV
MOV
FUSE
NTC
C1
C2
TVS
R
EMC recommended circuit
1. FUSE:I=3*Vo*Io/
/ Vin
Recommend
2A/250V(10-30W)
2.NTC: 10D-09
3.MOV: 7D471K
4.LCM: 5-20mH/0.5A
5.Cx: 104/275VAC
6.Cy: 102/400VAC
7.C1: 104/50V
8.C2: Reference value for capacitor
9.TVS: P6KE20CA,SMBJ20CA
AD20
Series
AC/DC CONVERTER
e
R
ICU
Page 3 of 3
REV:15.1
www.reicu.com
E-mail:service @reicu.com
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Dual
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
NP
NP
NP
-Vo
Dual Island
NC
N
L
NC
N
L
+Vo
NP
COM
-Vo
NP
+Vo2
-Vo2
NP
+Vo1
-Vo1
48.0
(1.89)
40.0
(1.57)
70.0(2.76)
11.5
(0.45)
62.0(2.44)
23.0
(0.91)
23.5(0.93)
6.10(0.24)
1.00
(0.04)
1
2
3
4
5
6
7
8
Case material
Platic
Safety level
Single output
Others
Class II
Class I
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
80
-40
Metal case
Plastic case
Input Voltage Derating Graph Curve
Input Voltage(VAC)
0
20
40
60
80
100
85
120
264
120
Ambient temperature 25℃
285
Safe Operating Area
Application circuit
AC(L)
AC(N)
+Vo
0V
DC/DC
Converter
Cout
Load
Fuse
AC(L)
AC(N)
+Vo1
-Vo1
DC/DC
Converter
Cout
Load1
Fuse
+Vo2
-Vo2
Cout
Load2
L
N
+Vo
-Vo
FG
L
N
FG
LCM
Cy
Cy
Cx
LOAD
MOV
MOV
MOV
FUSE
NTC
C1
C2
TVS
R
EMC recommended circuit
1. FUSE:I=3*Vo*Io/
/ Vin
Recommend
2A/250V(10-30W)
2.NTC: 10D-09
3.MOV: 7D471K
4.LCM: 5-20mH/0.5A
5.Cx: 104/275VAC
6.Cy: 102/400VAC
7.C1: 104/50V
8.C2: Reference value for capacitor
9.TVS: P6KE20CA,SMBJ20CA
AD25
Series
AC/DC CONVERTER
e
R
ICU
Page 3 of 3
REV:15.1
www.reicu.com
E-mail:service @reicu.com
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Dual
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
NP
NP
NP
-Vo
Dual Island
NC
N
L
NC
N
L
+Vo
NP
COM
-Vo
NP
+Vo2
-Vo2
NP
+Vo1
-Vo1
48.0
(1.89)
40.0
(1.57)
70.0(2.76)
11.5
(0.45)
62.0(2.44)
23.0
(0.91)
23.5(0.93)
6.10(0.24)
1.00
(0.04)
1
2
3
4
5
6
7
8
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
80
-40
Metal case
Plastic case
Input Voltage Derating Graph Curve
Input Voltage(VAC)
0
20
40
60
80
100
85
120
264
120
Ambient temperature 25℃
285
Safe Operating Area
Application circuit
AC(L)
AC(N)
+Vo
0V
DC/DC
Converter
Cout
Load
Fuse
AC(L)
AC(N)
+Vo1
-Vo1
DC/DC
Converter
Cout
Load1
Fuse
+Vo2
-Vo2
Cout
Load2
Case material
Platic
Safety level
Single output
Others
Class II
Class I
L
N
+Vo
-Vo
FG
L
N
FG
LCM
Cy
Cy
Cx
LOAD
MOV
MOV
MOV
FUSE
NTC
C1
C2
TVS
R
EMC recommended circuit
1. FUSE:I=3*Vo*Io/
/ Vin
Recommend
2A/250V(10-30W)
2.NTC: 10D-09
3.MOV: 7D471K
4.LCM: 5-20mH/0.5A
5.Cx: 104/275VAC
6.Cy: 102/400VAC
7.C1: 104/50V
8.C2: Reference value for capacitor
9.TVS: P6KE20CA,SMBJ20CA
AD30
Series
AC/DC CONVERTER
e
R
ICU
Page 3 of 3
REV:15.1
www.reicu.com
E-mail:service @reicu.com
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Dual
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
NP
NP
NP
-Vo
Dual Island
NC
N
L
NC
N
L
+Vo
NP
COM
-Vo
NP
+Vo2
-Vo2
NP
+Vo1
-Vo1
48.0
(1.89)
40.0
(1.57)
70.0(2.76)
11.5
(0.45)
62.0(2.44)
23.0
(0.91)
23.5(0.93)
6.10(0.24)
1.00
(0.04)
1
2
3
4
5
6
7
8
Case material
Platic
Safety level
Single output
Others
Class II
Class I
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
80
-40
Metal case
Plastic case
Input Voltage Derating Graph Curve
Input Voltage(VAC)
0
20
40
60
80
100
85
120
264
120
Ambient temperature 25℃
285
Safe Operating Area
Application circuit
AC(L)
AC(N)
+Vo
0V
DC/DC
Converter
Cout
Load
Fuse
AC(L)
AC(N)
+Vo1
-Vo1
DC/DC
Converter
Cout
Load1
Fuse
+Vo2
-Vo2
Cout
Load2
Plastic case (”/M” for Metal)
3000
VAC
Input-Output
1mA≤1minute
Isolation voltage
Plastic
Metal
VAC
2500
(Single output)
)Double output)
(Single output)
)Double output)
(Single output)
)Double output)
(Single output)
)Double output)
INPUT:85-264VAC
.FG
.N
.L
OUTPUT:5V/2000mA
AC-DC CONVERTER
1515
ADM10-S05
GND.
+Vo.
INPUT:85-264VAC
.FG
.N
.L
OUTPUT:12V/1250mA
AC-DC CONVERTER
1516
AD15-S12
GND.
+Vo.
INPUT:85-264VAC
OUTPUT:12V/2500mA
AC-DC CONVERTER
1520
AD30-S12
.FG
.N
.L
GND.
+Vo.
INPUT:85-264VAC
.FG
.N
.L
OUTPUT:5V/1000mA
AC-DC CONVERTER
1512
ADM5-S05
GND.
+Vo.
Page 1 of 3
REV:15.1
Page 2 of 3
REV:15.1
ADM10
Series
AC/DC CONVERTER
10W
Features
Efficiency up to 80%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Plastic case
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
ADM10-S03
ADM10-S05
AC(V)
DC(V)
Input
2000
2000
+5
12
9
5
24
15
3.3
Universal Input :85 ~ 264VAC,50/60Hz
ADM10-S09
ADM10-S12
ADM10-S15
ADM10-S24
ADM10-D05
+12
+15
ADM10-D12
ADM10-D15
85-264
120-370
+1000
1111
833
667
417
+417
+333
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
ADM10-D05-05
ADM10-D05-24
5/5
5/12
1600/200
ADM10-D05-12
1600/400
5/24
1000/200
-25
+85
-40
+105
℃
3000
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Platic
Recommend
capacitive(uF)
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Dual
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
NP
NP
NP
-Vo
Dual Island
NC
N
L
NC
N
L
+Vo
NP
COM
-Vo
NP
+Vo2
-Vo2
NP
+Vo1
-Vo1
45.0
(1.77)
35.00
(1.38)
55.0(2.17)
10.0
(0.390)
47.0(1.85)
20.0
(0.79)
20.5(0.81)
6.10(0.24)
1.00
(0.04)
1
2
3
4
5
6
7
8
1000
1000
470
470
470
330
470/470
220/220
220/220
470/330
330/220
330/100
75
76
80
80
81
83
76
80
81
75
79
80
e
R
ICU
ADM10
Series
AC/DC CONVERTER
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
L
N
+Vo
-Vo
FG
L
N
FG
LCM
Cy
Cy
Cx
LOAD
MOV
MOV
MOV
FUSE
NTC
C1
C2
TVS
R
EMC recommended circuit
1. FUSE:I=3*Vo*Io/
/ Vin
Recommend
2A/250V(10-30W)
2.NTC: 10D-09
3.MOV: 7D471K
4.LCM: 5-20mH/0.5A
5.Cx: 104/275VAC
6.Cy: 102/400VAC
7.C1: 104/50V
8.C2: Reference value for capacitor
9.TVS: P6KE20CA,SMBJ20CA
ADM10
Series
AC/DC CONVERTER
e
R
ICU
Temperature Derating Graph Curve
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
80
-40
Metal case
Plastic case
Input Voltage Derating Graph Curve
Input Voltage(VAC)
0
20
40
60
80
100
85
120
264
120
Ambient temperature 25℃
285
Safe Operating Area
Application circuit
AC(L)
AC(N)
+Vo
0V
DC/DC
Converter
Cout
Load
Fuse
AC(L)
AC(N)
+Vo1
-Vo1
DC/DC
Converter
Cout
Load1
Fuse
+Vo2
-Vo2
Cout
Load2
Page 3 of 3
REV:15.1
www.reicu.com
E-mail:service @reicu.com
Safety level
Single output
Others
Class II
Class I
(Single output)
)Double output)
Page 1 of 2
REV:15.2
www.reicu.com
E-mail:service @reicu.com
Page 2 of 2
REV:15.2
ADN5
Series
AC/DC CONVERTER
5W
Features
Efficiency up to 79%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB mounting design
Universal Input :85 ~ 264VAC,47~440Hz
ADN5
Series
AC/DC CONVERTER
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
-25
+70
-40
+105
℃
Operating Temperature
Case
Storage
Cooling
Free air convection
Storage humidity
%
+95
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
Model Selection Guide
Order Code
Recommend
capacitive(uF)
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
ADN5-S03
ADN5-S05
1000
1000
+5
12
9
5
24
15
3.3
ADN5-S09
ADN5-S12
ADN5-S15
ADN5-S24
ADN5-D05
+12
+15
ADN5-D12
ADN5-D15
85-264
120-370
+500
556
417
333
208
+208
+167
330
330
220
220
220
100
220/220
100/100
100/100
75
75
78
78
80
81
75
78
79
Plastic case (”/M” for Metal)
*
*
*
Note:"*"maked model is developing
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
70
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Dual
Note:
Unit:mm(inch)
+Vo
1
2
3
Pin
4
Single
5
NP
GND
N
L
+Vo
COM
-Vo
22.0(0.866)
5.30(0.21)
25.0
(0.984)
10.60
(0.417)
39.0(1.535)
4.0
(0.157)
31.3(1.232)
8.0
(0.314)
1
2
3
4
5
1.00(0.04)
Φ
MΩ
500
2×10
5
Isolation resistance
MTBF
K hours
500VDC
Case material
Plasticl(”/M” for Metal)
3000
VAC
Input-Output
1mA≤1minute
Isolation voltage
Plastic
Metal
VAC
2500
N
L
Page 1 of 2
REV:16.1
www.reicu.com
E-mail:service @reicu.com
Page 2 of 2
REV:16.1
ADM3-D_D1
Series
AC/DC CONVERTER
3W
Features
Efficiency up to 67%
3000VAC Isolation
Double iso output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB mounting design
Universal Input :85 ~ 264VAC,47~440Hz
ADM3-D_D1
Series
AC/DC CONVERTER
-25
+70
-40
+105
℃
Operating Temperature
Case
Storage
Cooling
Free air convection
Storage humidity
%
+95
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
MΩ
500
2×10
5
Isolation resistance
MTBF
K hours
500VDC
Case material
Plasticl
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
Model Selection Guide
Order Code
Recommend
capacitive(uF)
Efficiency(%)
(Typ)
Vo1/Vo2(V)
Io1/Io2(mA)
Output
AC(V)
DC(V)
Input
ADM3-D05-05D1
ADM3-D05-09D1
400/100
500/100
5/24
5/12
5/9
5/5
ADM3-D05-12D1
ADM3-D05-24D1
85-264
120-370
350/100
350/50
47/10
47/10
22/10
22/10
65
68
68
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
70
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Note:
Unit:mm(inch)
N
L
+Vo2
1
2
3
Pin
4
Function
5
-Vo2
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
55
Vp-p
m
%
120
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
2
%
Vo1
Vo2
Plastic case
3000
VAC
Input-Output 2mA≤1minute
Isolation voltage
67
37.00(1.460)
18.00
(0.71)
15.24
(0.60)
19.00(0.75)
1
2
3
5
4
5.08
(0.20)
6.35
(0.25)
2.54
(0.10)
3.18
(0.13)
5.00(0.20)
17.00
(0.67)
1.00(0.04)
6
7
-Vo1
+Vo1
FG
6
7
Page 1 of 2
REV:16.1
www.reicu.com
E-mail:service @reicu.com
Page 2 of 2
REV:16.2
ADN6
Series
AC/DC CONVERTER
6W
Features
Efficiency up to 79%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB mounting design
Universal Input :85 ~ 264VAC,47~440Hz
ADN6
Series
AC/DC CONVERTER
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
65
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
-25
+70
-40
+105
℃
Operating Temperature
Case
Storage
Cooling
Free air convection
Storage humidity
%
+95
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
Model Selection Guide
Order Code
Recommend
capacitive(uF)
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
ADN6-S03
ADN6-S05
1200
1200
+5
12
9
5
24
15
3.3
ADN6-S09
ADN6-S12
ADN6-S15
ADN6-S24
ADN6-D05
+12
+15
ADN6-D12
ADN6-D15
85-264
120-370
+600
667
500
400
250
+250
+200
330
330
220
220
220
100
220/220
100/100
100/100
75
75
78
78
80
81
75
78
79
Plastic case (”/M” for Metal)
*
*
*
Note:"*"maked model is developing
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
70
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Dual
Note:
Unit:mm(inch)
+Vo
1
2
3
Pin
4
Single
5
NP
GND
N
L
+Vo
COM
-Vo
22.0(0.866)
5.30(0.21)
25.0
(0.984)
10.60
(0.417)
39.0(1.535)
4.0
(0.157)
31.3(1.232)
8.0
(0.314)
1
2
3
4
5
1.00(0.04)
Φ
MΩ
500
2×10
5
Isolation resistance
MTBF
K hours
500VDC
Case material
Plasticl(”/M” for Metal)
3000
VAC
Input-Output
1mA≤1minute
Isolation voltage
Plastic
Metal
VAC
2500
N
L
Page 1 of 2
REV:15.1
www.reicu.com
E-mail:service @reicu.com
Page 2 of 2
REV:15.1
ADMN3_
Series
AC/DC CONVERTER
3W
Features
Efficiency up to 72%
3000VAC Isolation
Single output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB mounting design
Universal Input :85 ~ 264VAC,47~440Hz
ADMN3_
Series
AC/DC CONVERTER
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
70
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
-25
+70
-40
+105
℃
3000
VAC
MΩ
100
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Plastic
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
Plastic case
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Note:
Unit:mm(inch)
N
L
+Vo
1
2
3
Pin
4
Single
-Vo
5.00(0.20)
15.00
(0.59)
0.80(0.03)
32.00
(1.26)
20.00
(0.79)
15.24
(0.60)
27.94
(1.10)
1
2
3
4
Model Selection Guide
Order Code
Recommend
capacitive(uF)
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
ADMN3-S05
ADMN3-S09
333
600
15
12
9
24
5
ADMN3-S12
ADMN3-S15
ADMN3-S24
85-264
120-370
250
200
125
220
100
100
100
68
72
72
74
75
220
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
+5
%
+Vo
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
80
Vp-p
m
%
12 0
Short circuit Protection
Continuous,Automatic Recovery
+2
Transient Recovery Time
200
ms
25% Load Step Change
Hold-up time
ms
+2
40
EMC
Conduction and radiation
EN55011,EN55022 CLASS B(EMC Recommended circuit)
L
N
+Vo
-Vo
L
N
LCM
Cy
Cy
Cx
LOAD
MOV
MOV
MOV
FUSE
NTC
C1
C2
TVS
1. FUSE:I=3*Vo*Io/
/ Vin
Recommend
0.5A/250V
2.NTC: 10D-09
3.MOV: 7D471K
4.LCM: 5-20mH/0.5A
5.Cx: 104/275VAC
6.Cy: 102/400VAC
7.C1: 104/50V
8.C2: Reference value for capacitor
9.TVS: P6KE20CA,SMBJ20CA
Recommended circuit
L
N
+Vo
-Vo
L
N
LOAD
FUSE
NTC
C1
C2
(Tye)
(EMC)
Page 1 of 2
REV:15.1
www.reicu.com
E-mail:service @reicu.com
Page 2 of 2
REV:15.1
ADMN5_
Series
AC/DC CONVERTER
5W
Features
Efficiency up to 78%
3000VAC Isolation
Single output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB mounting design
Universal Input :85 ~ 264VAC,47~440Hz
ADMN5_
Series
AC/DC CONVERTER
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
165
200
264
380
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
60
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
-25
+60
-40
+105
℃
3000
VAC
MΩ
100
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Plastic
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
Plastic case
Model Selection Guide
Order Code
Recommend
capacitive(uF)
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
ADMN5-S05
ADMN5-S09
500
800
15
12
9
24
5
ADMN5-S12
ADMN5-S15
ADMN5-S24
165-264
200-380
417
333
208
470
220
220
100
70
73
76
77
78
470
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
+3
%
+Vo
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
80
Vp-p
m
%
12 0
Short circuit Protection
Continuous,Automatic Recovery
+2
Transient Recovery Time
100
ms
25% Load Step Change
Hold-up time
ms
+1
50
EMC
Conduction and radiation
EN55011,EN55022 CLASS B(EMC Recommended circuit)
L
N
+Vo
-Vo
L
N
LCM
Cy
Cy
Cx
LOAD
MOV
MOV
MOV
FUSE
NTC
C1
C2
TVS
1. FUSE:I=3*Vo*Io/
/ Vin
Recommend
0.5A/250V
2.NTC: 10D-09
3.MOV: 10D471K
4.LCM: 5-20mH/0.5A
5.Cx: 104/275VAC
6.Cy: 102/400VAC
7.C1: 104/50V
8.C2: Reference value for capacitor
9.TVS: P6KE20CA,SMBJ20CA
Recommended circuit
L
N
+Vo
-Vo
L
N
LOAD
FUSE
NTC
C1
C2
(Tye)
(EMC)
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Note:
Unit:mm(inch)
N
L
+Vo
1
2
3
Pin
4
Single
-Vo
5.00(0.20)
15.00
(0.59)
0.80(0.03)
32.00
(1.26)
20.00
(0.79)
15.24
(0.60)
27.94
(1.10)
1
2
3
4
Page 1 of 2
REV:15.1
www.reicu.com
E-mail:service @reicu.com
Page 2 of 2
REV:15.1
AS3_
Series
AC/DC CONVERTER
3W
Features
Efficiency up to 72%
3000VAC Isolation
Single output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB mounting design
Universal Input :85 ~ 264VAC,47~440Hz
AS3_
Series
AC/DC CONVERTER
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
70
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
SIP
Mechanical Dimension & Pin Connections
Note:
Unit:mm(inch)
N
L
+Vo
1
2
3
Pin
4
Single
-Vo
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
+5
%
+Vo
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
80
Vp-p
m
%
150
Short circuit Protection
Continuous,Automatic Recovery
+2
Transient Recovery Time
200
ms
25% Load Step Change
Hold-up time
ms
+2
40
-25
+70
-40
+105
℃
3000
VAC
MΩ
100
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Plastic
EMC
Conduction and radiation
EN55011,EN55022 CLASS B(EMC Recommended circuit)
Recommended circuit
(Tye)
(EMC)
5
6
C+
C-
Model Selection Guide
Order Code
Recommend
capacitive(uF)
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
AS3-S05
AS3-S09
333
600
15
12
9
24
5
AS3-S12
AS3-S15
AS3-S24
85-264
120-370
250
200
125
220
100
100
100
70
72
72
74
78
220
AS3-S03
3.3
600
330
65
L
N
+Vo
-Vo
L
N
LCM
Cy
Cy
Cx
LOAD
MOV
MOV
MOV
FUSE
C1
C2
TVS
CY
C+
C-
C3
L
N
+Vo
-Vo
L
N
LOAD
MOV
FUSE
C1
C2
TVS
CY
C+
C-
C3
NTC
1. FUSE:I=3*Vo*Io/
/ Vin
Recommend
0.5A/250V
2.NTC:13D-5
3.MOV: 1 4 D5 6 1K
4.LCM: 5-20mH/0.5A
5.Cx: 104/275VAC
6.Cy: 102/400VAC
7.C3: 4.7uF/450V
8.2.2uF/400VAC
9.C1: 104/50V
10.C2: Reference value for capacitor
11.TVS: P6KE20CA,SMBJ20CA
*
*
*
Lateral View
Bottom View
33.00
(1.30)
17.50
(0.69)
7.00
(0.28)
3.06
(0.12)
5.08
(0.20)
5.08
(0.20)
7.62
(0.30)
7.00
(0.28)
12.00
(0.47)
1
2
3
4
5
6
0.85
(0.03)
+5
Full load
Page 1 of 2
REV:15.2
www.reicu.com
E-mail:service @reicu.com
Page 2 of 2
REV:15.2
ADN5_E
Series
AC/DC CONVERTER
5W
Features
Efficiency up to 78%
3000VAC Isolation
Single output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB mounting design
Universal Input :85 ~ 264VAC,47~440Hz
ADN5_E
Series
AC/DC CONVERTER
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
380
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
Safe Operating Area
70
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
-25
+60
-40
+105
℃
3000
VAC
MΩ
100
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Plastic
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
Plastic case
Model Selection Guide
Order Code
Recommend
capacitive(uF)
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
ADN5-S05E
ADN5-S09E
500
800
15
12
9
24
5
ADN5-S12E
ADN5-S15E
ADN5-S24E
85-264
120-380
417
333
208
470
220
220
100
69
73
76
77
78
470
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
+3
%
+Vo
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
80
Vp-p
m
%
120
Short circuit Protection
Continuous,Automatic Recovery
+2
Transient Recovery Time
100
ms
25% Load Step Change
Hold-up time
ms
+1
50
EMC
Conduction and radiation
EN55011,EN55022 CLASS B(EMC Recommended circuit)
L
N
+Vo
-Vo
L
N
LCM
Cy
Cy
Cx
LOAD
MOV
MOV
MOV
FUSE
NTC
C1
C2
TVS
1. FUSE:I=3*Vo*Io/
/ Vin
Recommend
0.5A/250V
2.NTC: 10D-09
3.MOV: 10D471K
4.LCM: 5-20mH/0.5A
5.Cx: 104/275VAC
6.Cy: 102/400VAC
7.C1: 104/50V
8.C2: Reference value for capacitor
9.TVS: P6KE6.8A--5V
P6KE12A--9V
P6KE16A--12V
P6KE20A--15V
P6KE33A--24V
Recommended circuit
L
N
+Vo
-Vo
L
N
LOAD
FUSE
NTC
C1
C2
(Tye)
(EMC)
Mechanical Dimension & Pin Connections
+5
Full load
Lateral View
Bottom View
Note:
Unit:mm(inch)
+Vo
1
2
3
Pin
4
Function
GND
L
N
16.0(0.63)
5.30(0.21)
25.0
(0.984)
10.60
(0.417)
37.5(1.476)
31.3(1.232)
8.0
(0.314)
1
2
3
4
0.80(0.03)
Φ
Page 1 of 3
REV:15.1
Page 2 of 3
REV:15.1
AD40
Series
AC/DC CONVERTER
40W
Features
Efficiency up to 84%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Plastic case
Universal Input :85 ~ 264VAC,50/60Hz
AD40
SERIES
AC/DC CONVERTER
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
-25
+85
-40
+105
℃
3000
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
L
N
+Vo
-Vo
FG
L
N
FG
LCM
Cy
Cy
Cx
LOAD
MOV
MOV
MOV
FUSE
NTC
C1
C2
TVS
R
EMC recommended circuit
1. FUSE:I=3*Vo*Io/
/ Vin
Recommend
3A/250V
2.NTC: 10D-09
3.MOV: 14D471K
4.LCM: 5-20mH/0.5A
5.Cx: 104/275VAC
6.Cy: 102/400VAC
7.C1: 104/50V
8.C2: Reference value for capacitor
9.TVS: P6KE16CA
P6KE33CA
AD40
SERIES
AC/DC CONVERTER
e
R
ICU
Page 3 of 3
REV:15.1
www.reicu.com
E-mail:service @reicu.com
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
NP
NP
NP
-Vo
48.0
(1.89)
40.0
(1.57)
70.0(2.76)
11.5
(0.45)
62.0(2.44)
23.0
(0.91)
23.5(0.93)
6.10(0.24)
1.00
(0.04)
1
2
3
4
5
6
7
8
Case material
Platic
Safety level
Single output
Class II
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
70
-40
Plastic case
Input Voltage Derating Graph Curve
Input Voltage(VAC)
0
20
40
60
80
100
85
120
264
120
Ambient temperature 25℃
285
Safe Operating Area
Application circuit
AC(L)
AC(N)
+Vo
0V
DC/DC
Converter
Cout
Load
Fuse
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
Recommend
capacitive(uF)
AD40-S05
7000
5
2200
77. 5
12
24
15
AD40-S12
AD40-S15
AD40-S24
3333
2666
1666
680
680
470
80
81
84
AD40-S48
48
165-264
200-370
833
470
87
EMC
IEC/EN 61000-4-4 4kV
IEC/EN 61000-4-5 2kV
Burst of pulses( 脉 冲 群 )
Surging (浪 涌)
Conducted disturbance(传 导 与 辐 射)
EN55022 CLASS B
Electrostatic discharge(静 电 放 电)
IEC/EN 61000-4-2 8kV
RF Electromagnetic Field Immunity(射 频 辐 射 抗 扰)
IEC/EN 61000-4-3
Reference application circuit
90
Page 1 of 3
REV:15.2
Page 2 of 3
REV:15.2
ADM50 SERIES
AC/DC CONVERTER
50W
Features
Efficiency up to 84%
3000VAC Isolation
Single/Double output
Wide temperature -25℃ to 70℃
short circuit protection
Power modules for PCB Mounting mesign
Plastic case
Universal Input :85 ~ 264VAC,50/60Hz
ADM50 SERIES
AC/DC CONVERTER
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
375
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
1%
%
60
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
Short circuit Protection
Continuous,Automatic Recovery
+0.5
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Hold-up time
50
ms
-25
+70
-40
+85
℃
3000
VAC
MΩ
500
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 1mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
L
N
+Vo
-Vo
FG
L
N
FG
LCM
Cy
Cy
Cx
LOAD
MOV
MOV
MOV
FUSE
NTC
C1
C2
TVS
R
EMC recommended circuit
1. FUSE:I=3*Vo*Io/
/ Vin
Recommend
3A/250V
2.NTC: 10D-09
3.MOV: 14D471K
4.LCM: 5-20mH/0.5A
5.Cx: 104/275VAC
6.Cy: 102/400VAC
7.C1: 104/50V
8.C2: Reference value for capacitor
9.TVS: P6KE16CA
P6KE33CA
ADM50 SERIES
AC/DC CONVERTER
e
R
ICU
Page 3 of 3
REV:15.2
www.reicu.com
E-mail:service @reicu.com
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
Note:
Unit:mm(inch)
NC
N
L
+Vo
1
2
3
Pin
4
Single
5
6
7
8
NP
NP
NP
-Vo
48.0
(1.89)
40.0
(1.57)
70.0(2.76)
11.5
(0.45)
62.0(2.44)
23.0
(0.91)
23.5(0.93)
6.10(0.24)
1.00
(0.04)
1
2
3
4
5
6
7
8
Case material
Platic
Safety level
Single output
Class II
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
Temperature Derating Graph Curve
Operating Temperature(℃)
0
20
40
60
80
100
-25
0
25
75
50
120
100
70
-40
Input Voltage Derating Graph Curve
Input Voltage(VAC)
0
20
40
60
80
100
85
120
264
120
Ambient temperature 25℃
285
Safe Operating Area
Application circuit
AC(L)
AC(N)
+Vo
0V
DC/DC
Converter
Cout
Load
Fuse
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
Recommend
capacitive(uF)
12
24
15
ADM50-S12
ADM50-S15
ADM50-S24
4000
3300
2000
680
680
470
84
85
87
ADM50-S48
48
85-264
120-370
1000
470
88
EMC
IEC/EN 61000-4-4 4kV
IEC/EN 61000-4-5 2kV
Burst of pulses( 脉 冲 群 )
Surging (浪 涌)
Conducted disturbance(传 导 与 辐 射)
EN55022 CLASS B
Electrostatic discharge(静 电 放 电)
IEC/EN 61000-4-2 8kV
RF Electromagnetic Field Immunity(射 频 辐 射 抗 扰)
IEC/EN 61000-4-3
Reference application circuit
100
Page 1 of 2
REV:16.1
Page 2 of 2
REV:16.1
ADL20
Series
AC/DC CONVERTER
20W
Features
Efficiency up to 86%
4000VAC Isolation
Single output
Wide temperature -25℃ to 70℃
Over load/short circuit protection
Power modules for PCB Mounting mesign
Plastc case
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
12
24
15
Universal Input :85 ~ 264VAC,50/60Hz
ADL20
Series
AC/DC CONVERTER
ADL20-S03
ADL20-S05
ADL20-S12
ADL20-S15
ADL20-S24
85-264
120-370
1667
1333
833
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
370
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
2%
%
100
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
+1
Transient Recovery Time
500
us
25% Load Step Change
+1
+0.5
Short circuit Protection
Continuous,Automatic Recovery
EMC
Derating Graph Curve
Recommend
capacitive(uF)
Lateral View
Mechanical Dimension & Pin Connections
Bottom View
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
220
220
100
83
85
86
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
25.4
(1.00)
10.16
(0.40)
53.90(2.12)
45.72(1.80)
20.32
(0.80)
23.70(0.93)
0.80(0.032)
1
2
3
4
Note:
Unit:mm(inch)
N
L
+Vo
1
2
3
Pin
4
Function
-Vo
5
3500
83
3.3
3500
470
82
470
3%
-25
+70
-25
+85
℃
4000
VAC
MΩ
100
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 5mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Platic
IEC/EN 61000-4-4 4kV
IEC/EN 61000-4-5 2kV
Burst of pulses( 脉 冲 群 )
Surging (浪 涌)
Conducted disturbance(传 导 与 辐 射)
En55022 CLASS B
Electrostatic discharge(静 电 放 电)
IEC/EN 61000-4-2 8kV
RF Electromagnetic Field Immunity(射 频 辐 射 抗 扰)
IEC/EN 61000-4-3
Reference application circuit
20
40
60
80
100
- 40
0
50
85
OUTPUT: 3.3V/5V/9V
Others
Ambient Temperature(℃)
Temperature derating curve
20
40
60
80
100
85
100
240
264
OUTPUT: 5.0V
Others
Input Voltage
Input voltage derating curve
130
100 120
160
340
370
VAC
VDC
55
- 25
70
50
Page 1 of 2
REV:16.1
Page 2 of 2
REV:16.1
ADE20
Series
AC/DC CONVERTER
20W
Features
Efficiency up to 86%
3000VAC Isolation
Single output
Wide temperature -25℃ to 70℃
Over load/short circuit protection
Power modules for PCB Mounting mesign
Plastc case
Model Selection Guide
Order Code
Efficiency(%)
(Typ)
Vo(V)
Io(mA)
Output
AC(V)
DC(V)
Input
Universal Input :85 ~ 264VAC,50/60Hz
ADE20
Series
AC/DC CONVERTER
Input Characteristics
Min
Typ
Max
Units
Parameter
Condition
AC
DC
85
120
264
370
Hz
Input Voltage Range
Input Frequency
AC
47
440
VAC
VDC
Output Characteristics
Min
Typ
Max
Units
Parameter
Condition
Output Voltage Accuracy
2%
%
100
KHz
Switching frequency
Full load,nominal input
Line regulation
Vin(Min~Max)
%
Load regulation
Ripple and noise
10%~100% load
20MHz
50
Vp-p
m
%
100
+1
Transient Recovery Time
40
mS
25% Load Step Change
+1
+0.5
Short circuit Protection
Continuous,Automatic Recovery
Recommend
capacitive(uF)
e
R
ICU
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
www.reicu.com
E-mail:service @reicu.com
12
24
15
ADE20-S05
ADE20-S12
ADE20-S15
ADE20-S24
85-264
120-370
1667
1333
833
220
220
100
86
87
88
5
3500
84
470
3%
-25
+70
-25
+85
℃
3000
VAC
MΩ
100
2×10
5
Operating Temperature
Case
Storage
Cooling
Free air convection
Input-Output 5mA≤1minute
Isolation voltage
Isolation resistance
MTBF
Storage humidity
%
+95
K hours
General Characteristics
Min
Typ
Max
Units
Parameter
Condition
℃
500VDC
Case material
Platic
EMC
Derating Graph Curve
IEC/EN 61000-4-4 4kV
IEC/EN 61000-4-5 2kV
Burst of pulses( 脉 冲 群 )
Surging (浪 涌)
Conducted disturbance(传 导 与 辐 射)
En55022 CLASS B
Electrostatic discharge(静 电 放 电)
IEC/EN 61000-4-2 8kV
RF Electromagnetic Field Immunity(射 频 辐 射 抗 扰)
IEC/EN 61000-4-3
Reference application circuit
20
40
60
80
100
-40
0
40
85
OUTPUT: 5V/9V
Others
Ambient Temperature(℃)
Temperature derating curve
20
40
60
80
100
85
115
264
OUTPUT: 5.0V
Others
Input Voltage
Input voltage derating curve
VAC
55
-25
70
50
Page 2 of 2
REV:16.1
ADE20
Series
AC/DC CONVERTER
e
R
ICU
www.reicu.com
E-mail:service @reicu.com
Mechanical Dimension & Pin Connections
Note:
Unit:mm(inch)
L
N
+Vo
1
2
3
Pin
4
Function
-Vo
+Vo
-Vo
L
N
FG
LCM
Cy
Cy
Cx
LOAD
MOV
FUSE
NTC
C1
C2
TVS
EMC recommended circuit
1. FUSE:I=3*Vo*Io/efficiency/ Vin
Recommend: 1A/250V
2.NTC: 10D-09
3.MOV: 14D471K
4.L1:1mH/0.5A
5.LCM: 20-30mH/0.5A
6.Cx: 104/275VAC
7.Cy: 102/400VAC
8.C1: 104/50V
9.C2: Reference value for capacitor
10.TVS: P6KE6.8A--P6KE30A
AC(L)
AC(N)
L1
1.All the specifications typical at Ta=+25℃ resistive load, nominal input voltage and rated output current unless otherwise noted.
2.Operation under no-load conditions will not damage these modules; however they may not meet all specifications listed.
3.Ripple & Noise measurement bandwidth is 0-20MHz.
3.Other input and output voltage may be available, please
4.All AC/DC converters should be externally fused at the front end for protection.
5 Specifications subject to change without notice
.
Note
Lateral View
Bottom View
25.4
(1.00)
8.00
(0.31)
52.00(2.05)
45.00(1.77)
20.8
(0.819)
15.50(0.61)
0.80(0.032)
1
2
3
4
2.30
(0.09)


Similar Part No. - ADE10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ADE10 MACOM-ADE10 Datasheet
6Mb / 326P
DIP Switches
ADE1004 MACOM-ADE1004 Datasheet
2Mb / 30P
Switches Core Program
logo
Panasonic Semiconductor
ADE103 PANASONIC-ADE103 Datasheet
76Kb / 4P
Compliant with European standards European standards power relays
ADE103 PANASONIC-ADE103 Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
ADE103 PANASONIC-ADE103 Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
More results

Similar Description - ADE10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
10W10W10W/15W TRIPLE AMPLIFIER
Sep-1995
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
May-2004
TDA7297SA STMICROELECTRONICS-TDA7297SA Datasheet
497Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Phihong USA Inc.
PSA11R-033 PHIHONG-PSA11R-033 Datasheet
89Kb / 2P
10W Interchangeable Plug Series
logo
Everlight Electronics C...
JU1215-KM277P1-18610-0A0T EVERLIGHT-JU1215-KM277P1-18610-0A0T Datasheet
1Mb / 29P
18V/10W Series
JU1215-KM307P2-18610-0A0T EVERLIGHT-JU1215-KM307P2-18610-0A0T Datasheet
1Mb / 29P
18V/10W Series
JU1215-KM407P2-18610-0A0T EVERLIGHT-JU1215-KM407P2-18610-0A0T Datasheet
1Mb / 29P
18V/10W Series
JU1215-KT507P3-18610-0A0T EVERLIGHT-JU1215-KT507P3-18610-0A0T Datasheet
1Mb / 29P
18V/10W Series
JU1215-KT577P3-18610-0A0T EVERLIGHT-JU1215-KT577P3-18610-0A0T Datasheet
1Mb / 29P
18V/10W Series
JU1215-KT657P3-18610-0A0T EVERLIGHT-JU1215-KT657P3-18610-0A0T Datasheet
1Mb / 29P
18V/10W Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com