Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T48C862M-R3-TNQ Datasheet(PDF) 40 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 36Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 37Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 38Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 39Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 40Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 41Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 42Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 43Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 107 page
background image
40
T48C862-R3
4554A–4BMCU–02/03
Figure 33. UTCM Block Diagram
Timer 1
The Timer 1 is an interval timer which can be used to generate periodical interrupts and
as prescaler for Timer 2, Timer 3, the serial interface and the watchdog function.
The Timer 1 consists of a programmable 14-stage divider that is driven by either SUBCL
or SYSCL. The timer output signal can be used as prescaler clock or as SUBCL and as
source for the Timer 1 interrupt. Because of other system requirements, the Timer 1 out-
put T1OUT is synchronized with SYSCL. Therefore, in the power-down mode SLEEP
(CPU core -> sleep and OSC-Stop -> yes), the output T1OUT is stopped (T1OUT = 0).
Nevertheless, the Timer 1 can be active in SLEEP and generate Timer 1 interrupts. The
interrupt is maskable via the T1IM bit and the SUBCL can be bypassed via the T1BP bit
of the T1C2 register. The time interval for the timer output can be programmed via the
Timer 1 control register T1C1.
Demodu-
lator 3
8-bit Counter 3
Capture 3
Compare 3/1
Compare 3/2
Modu-
lator 3
MUX
MUX
Control
Watchdog
Interval / Prescaler
Timer 1
Timer 3
Modu-
lator 2
4-bit Counter 2/1
Compare 2/1
MUX
MUX
DCG
8-bit Counter 2/2
Compare 2/2
Control
Timer 2
MUX
8-bit shift register
Receive buffer
Transmit buffer
Control
SSI
SCL
INT4
INT5
INT2
NRST
INT3
POUT
TOG2
TOG3
T1OUT
SUBCL
SYSCL
from clock module
T3O
T3I
T2I
T2O
SC
SD
I/O bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com