Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMP2512Q Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # CMP2512Q
Description  CMP-Q Series High Power Anti-Surge Chip Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMP2512Q Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  CMP2512Q Datasheet HTML 1Page - Bourns Electronic Solutions CMP2512Q Datasheet HTML 2Page - Bourns Electronic Solutions CMP2512Q Datasheet HTML 3Page - Bourns Electronic Solutions CMP2512Q Datasheet HTML 4Page - Bourns Electronic Solutions CMP2512Q Datasheet HTML 5Page - Bourns Electronic Solutions CMP2512Q Datasheet HTML 6Page - Bourns Electronic Solutions CMP2512Q Datasheet HTML 7Page - Bourns Electronic Solutions CMP2512Q Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CMP-Q Series High Power Anti-Surge Chip Resistors
Typical Part Marking
±5 % (E24):
CMP0603Q, CMP0805Q, CMP1206Q, CMP2010Q, CMP2512Q
Resistance value is expressed by 3 digits. The first two digits represent the significant figures of the nominal
resistance value in ohms; the third digit represents the exponent for a base of 10.
Example: 301 = 30 x 101 = 300 ohms
±1 % (E24/E96): CMP0805Q, CMP1206Q, CMP2010Q, CMP2512Q
Resistance value is expressed by 4 digits. The first three digits represent the significant figures of the nominal
resistance value in ohms; the third digit represents the exponent for a base of 10.
Example: 1542 = 154 x 102 = 15.4K ohms
±1 % (E24):
CMP0603Q
Resistance value is expressed by 3 digits. The first two digits represent the significant figures of the nominal
resistance value in ohms; the third digit represents the exponent for a base of 10.
Example: 222 = 22 x 102 = 2.2K ohms
±1 % (E96):
CMP0603Q
Resistance value is expressed by 2 digits followed by an alpha character multiplier. (Refer to marking table below.)
Example: 01B = 100 x 101 = 1K ohms
301
1542
222
01B
301
1542
222
01B
301
1542
222
01B
301
1542
222
01B
This table shows the first two digits
for the three-digit E96 part marking
scheme. The third character is a letter
multiplier:
A=100
B=101
C=102
D=103
E=104
F=105
G=106
H=107
X=10-1
Y=10-2
Z=10-3
Code R Value Code R Value Code R Value Code R Value Code R Value
01
100
21
162
41
261
61
422
81
681
02
102
22
165
42
267
62
432
82
698
03
105
23
169
43
274
63
442
83
715
04
107
24
174
44
280
64
453
84
732
05
110
25
178
45
287
65
464
85
750
06
113
26
182
46
294
66
475
86
768
07
115
27
187
47
301
67
487
87
787
08
118
28
191
48
309
68
499
88
806
09
121
29
196
49
316
69
511
89
825
10
124
30
200
50
324
70
523
90
845
11
127
31
205
51
332
71
536
91
866
12
130
32
210
52
340
72
549
92
887
13
133
33
215
53
348
73
562
93
909
14
137
34
221
54
357
74
576
94
931
15
140
35
226
55
365
75
590
95
953
16
143
36
232
56
374
76
604
96
976
17
147
37
237
57
383
77
619
18
150
38
243
58
392
78
634
19
154
39
249
59
402
79
649
20
158
40
255
60
412
80
665
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com