Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4426 Datasheet(PDF) 25 Page - Microchip Technology

Part # TC4426
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426 Datasheet(HTML) 25 Page - Microchip Technology

Back Button TC4426 Datasheet HTML 20Page - Microchip Technology TC4426 Datasheet HTML 21Page - Microchip Technology TC4426 Datasheet HTML 22Page - Microchip Technology TC4426 Datasheet HTML 23Page - Microchip Technology TC4426 Datasheet HTML 24Page - Microchip Technology TC4426 Datasheet HTML 25Page - Microchip Technology TC4426 Datasheet HTML 26Page - Microchip Technology TC4426 Datasheet HTML 27Page - Microchip Technology TC4426 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2006-2014 Microchip Technology Inc.
DS20001422G-page 25
TC4426/TC4427/TC4428
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC4426:
1.5A Dual MOSFET Driver, Inverting
TC4427:
1.5A Dual MOSFET Driver, Non-Inverting
TC4428:
1.5A Dual MOSFET Driver, Complementary
Temperature Range:
C
=
0°C to +70°C (PDIP and SOIC only)
E
=
-40°C to +85°C
V
=
-40°C to +125°C
Package:
MF
= Dual, Flat, No-Lead (6X5 mm Body), 8-lead
MF713 = Dual, Flat, No-Lead (6X5 mm Body), 8-lead
(Tape and Reel)
OA
= Plastic SOIC, (150 mil Body), 8-lead
OA713 = Plastic SOIC, (150 mil Body), 8-lead
(Tape and Reel)
PA
= Plastic DIP (300 mil Body), 8-lead
UA
= Plastic Micro Small Outline (MSOP), 8-lead
UA713 = Plastic Micro Small Outline (MSOP), 8-lead
(Tape and Reel)
Examples:
a)
TC4426COA:
1.5A Dual Inverting
MOSFET driver,
0°C to +70°C
SOIC package.
b)
TC4426EUA:
1.5A Dual Inverting
MOSFET driver,
-40°C to +85°C.
MSOP package.
c)
TC4426EMF:
1.5A Dual Inverting
MOSFET driver,
-40°C to +85°C,
DFN-S package.
a)
TC4427CPA:
1.5A Dual Non-Inverting
MOSFET driver,
0°C to +70°C
PDIP package.
b)
TC4427EPA:
1.5A Dual Non-Inverting
MOSFET driver,
-40°C to +85°C
PDIP package.
a)
TC4428COA713:1.5A Dual Complementary
MOSFET driver,
0°C to +70°C,
SOIC package,
Tape and Reel.
b)
TC4428EMF:
1.5A Dual Complementary,
MOSFET driver,
-40°C to +85°C
DFN-S package.
PART NO.
X
XX
Package
Temperature
Range
Device
XXX
Tape & Reel
X
PB Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com