Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T0980-TJS Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T0980-TJS
Description  SiGe Transmit/ Receive Frontend IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0980-TJS Datasheet(HTML) 4 Page - ATMEL Corporation

  T0980-TJS Datasheet HTML 1Page - ATMEL Corporation T0980-TJS Datasheet HTML 2Page - ATMEL Corporation T0980-TJS Datasheet HTML 3Page - ATMEL Corporation T0980-TJS Datasheet HTML 4Page - ATMEL Corporation T0980-TJS Datasheet HTML 5Page - ATMEL Corporation T0980-TJS Datasheet HTML 6Page - ATMEL Corporation T0980-TJS Datasheet HTML 7Page - ATMEL Corporation T0980-TJS Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
T0980
4584A–SIGE–01/03
Note:
1. Power amplifier should be unconditional stable, maximum duty cycle 100%, true cw-operation, maximum load mismatch
10:1 for 5 s at 3.6 V
Electrical Characteristics
Test conditions (unless otherwise specified) : V
S_PA = 3.6 V, Tamb = 25°C.
Parameters
Test Conditions/Pins
Symbol
Min.
Typ.
Max.
Unit
Power Amplifier
(1)
Supply voltage
TX, Pins 1, 2, 9 and 14
V
S_PA
3.6
V
Supply current
TX, Pins 1, 2, 9 and 14
I
S_PA
400
mA
Frequency range
TX
f
400
500
MHz
Power gain
TX
Gp
33
dB
Control voltage
TX, output power (maximum), Pin 4
2.5
V
TX, output power (minimum), Pin 4
0.7
V
Control current
Pin 4
0
400
µA
Shut down mode
Control voltage
£ 0.1 V,
Pins 1, 2, 9 and 14
I
S_PA
10
µA
Power added efficiency
TX at 450 MHz
PAE
50
%
Saturated output power
TX, input power 3 dBm
Psat
29
dBm
Harmonics
TX, input power 3 dBm
2 fo
-20
dBc
TX, input power 3 dBm
3 fo
-20
dBc
Low-noise Amplifier
Supply voltage
RX, Pins 8 and 10
V
S_LNA
2.5
V
Supply current
RX at R1 = 5.6 k
W, Pins 8 and 10
I
S_LNA
2.5
mA
Frequency range
RX
f
400
500
MHz
Power gain
RX at R1 = 5.6 k
W, Is = 2.5 mA
Gp
19
dB
Noise figure
RX at R1 = 5.6 k
W, Is = 2.5 mA
NF
1.7
2.5
dB
Isolation
RX at R1 = 5.6 k
W, Is = 2.5 mA
ISO
20
dB
3rd-order input interception point
RX at R1 = 5.6 k
W, Is = 2.5 mA
IIP3
-10
dBm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com