Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS74 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALS74
Description  Dual D-type flip-flop with set and reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS74 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALS74 Datasheet HTML 1Page - NXP Semiconductors 74ALS74 Datasheet HTML 2Page - NXP Semiconductors 74ALS74 Datasheet HTML 3Page - NXP Semiconductors 74ALS74 Datasheet HTML 4Page - NXP Semiconductors 74ALS74 Datasheet HTML 5Page - NXP Semiconductors 74ALS74 Datasheet HTML 6Page - NXP Semiconductors 74ALS74 Datasheet HTML 7Page - NXP Semiconductors 74ALS74 Datasheet HTML 8Page - NXP Semiconductors 74ALS74 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ALS74A
Dual D-type flip-flop with set and reset
1996 Jul 01
5
AC WAVEFORMS
For all waveforms, VM = 1.3V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM
VM
CPn
VM
VM
VM
VM
VM
VM
tsu(H)
th(H)
Dn
Qn
VM
tw(H)
1/fmax
tsu(L)
th(L)
VM
VM
tPLH
Qn
tw(L)
tPHL
tPHL
tPLH
SF00049
Waveform 1.
Propagation Delay for Data to Output,
Data Setup and Hold Times, Clock Width,
and Maximum Clock Frequency
VM
CPn
Qn
VM
VM
Qn
tPHL
tPLH
SDn
VM
VM
tw(L)
SC00040
Dn
tREC
Waveform 2.
Propagation Delay for Set to Output,
Set Pulse Width and Recovery Time for Set to Clock
VM
CPn
Qn
VM
VM
Qn
tPHL
tPLH
RDn
VM
VM
tw(L)
SC00041
Dn
tREC
Waveform 3.
Propagation Delay for Reset to Output,
Reset Pulse Width and Recovery Time for Reset to Clock



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com