Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10VB1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 10VB1
Description  General Purpose RFI Power Line Filters General Purpose for High Impedance Loads at Low Cost
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

10VB1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  10VB1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10VB1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Libertyville, IL (847) 680-7400
B
15
Series
B
Case Dimensions
Metric shown in italics.
ABC
D
E
Part No.
(max)
(max)
(max)
± .015
(max)
± .38
1VB1, 1EB1
2.25
1.82
0.66
2.125
2.53
2VB1, 2EB1
57.2
46.2
16.8
53.98
64.3
1VB3, 1EB3
0.96
1.82
0.66
2.125
2.53
2VB3, 2EB3
24.4
46.2
16.8
53.98
64.3
3VB1, 3EB1
2.61
1.82
0.78
2.125
2.53
5VB1, 5EB1
66.3
46.2
19.8
53.98
64.3
3VB3, 3EB3
1.32
1.82
0.78
2.125
2.53
5VB3, 5EB3
33.5
46.2
19.8
53.98
64.3
10VB1, 10EB1
2.61
1.82
1.16
2.125
2.53
66.3
46.2
29.5
53.98
64.3
10VB3, 10EB3
1.32
1.82
1.16
2.125
2.53
33.5
46.2
29.5
53.98
64.3
10VB6
2.72
1.82
1.16
2.125
2.53
69.1
46.2
29.5
53.98
64.3
20VB1, 20EB1
3.36
2.07
1.16
2.375
2.81
85.3
52.6
29.5
60.33
71.4
20VB6
3.46
2.07
1.16
2.375
2.81
87.9
52.6
29.5
60.33
71.4
30VB6
5.34
3.38
1.53
3.750
4.2
135.6
85.9
38.9
95.3
106.7
Pricing
Consult your local Corcom sales representative for pricing.
Part No.
Part No.
1VB1
1EB1
1VB3
1EB3
2VB1
2EB1
2VB3
2EB3
3VB1
3EB1
3VB3
3EB3
5VB1
5EB1
5VB3
5EB3
10VB1
10EB1
10VB3
10EB3
10VB6
20EB1
20VB1
20VB6
30VB6
Case Styles
Metric shown in italics.
B1
10VB6 & 20VB6
30VB6
Typical dimensions
Mounting holes:
Dia. (2)
Typical dimensions
Wire leads:
Min.
Mounting holes:
Dia. (2)
4.0
101.6
.188
4.78
.188
4.78
Torque 18± 2 in.lb.
Typical dimensions
Terminals:
(5)
Holes:
Dia.(4)
Slot:
Mounting holes:
Dia.(2)
.250
6.35
.07
1.8
.188
4.78
.07 x .16
1.8 x 4.1
B3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com