Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100DCB6BF Datasheet(PDF) 2 Page - Tyco Electronics

Part # 100DCB6BF
Description  RFI Power Line Filters for DC Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

100DCB6BF Datasheet(HTML) 2 Page - Tyco Electronics

  100DCB6BF Datasheet HTML 1Page - Tyco Electronics 100DCB6BF Datasheet HTML 2Page - Tyco Electronics 100DCB6BF Datasheet HTML 3Page - Tyco Electronics 100DCB6BF Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CORCOM Product Guide
RFI Power Line Filters for DC Applications (Continued)
143
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.cor.com
Revised 03-04
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
1-508-992-4495
are metric equivalents.
to change.
Germany:
49-89-6089-0
DC Series
Cutout Dimensions
Recommended Panel Cutouts
Ordering Information
Part
A
B
C
D
E
F
Fig.
Number
±.005
±.005
±.005
±.005
±.005
±.005
±..13
±.13
±.13
±.13
±.13
±.13
15DCB6(F)
1.375
1.249 3.472
——
—
1
34.93
31.72 88.19
15DCB6B(F), 1.500
0.781 1.308
3.472 1.375 1.249
2
15DCF6B
38.10
19.84 33.22
88.19 34.93 31.72
15DCB10(F)
1.250
1.000 3.472
——
—
1
31.75
25.40 88.19
15DCB10B(F), 1.500
0.781 1.308
3.472 1.250 1.000
2
15DCF10B
38.10
19.84 33.22
88.19 31.75 25.40
30DCB6(F)
1.375
1.249 3.472
——
—
1
34.93
31.72 88.19
30DCB6B(F), 1.500
0.781 1.308
3.472 1.375 1.249
2
30DCF6B
38.10
19.84 33.22
88.19 34.93 31.72
30DCB10(F)
1.250
1.000 3.472
——
—
1
31.75
25.40 88.19
30DCB10B(F), 1.500
0.781 1.308
3.472 1.250 1.000
2
30DCF10B
38.10
19.84 33.22
88.19 31.75 25.40
60DCB6(F)
1.375
1.249 3.472
——
—
1
34.93
31.72 88.19
60DCB6B(F), 1.500
0.781 1.308
3.472 1.375 1.249
2
60DCF6B
38.10
19.84 33.22
88.19 34.93 31.72
60DCB10(F)
1.674
1.010 3.443
——
—
1
42.52
25.65 87.45
60DCB10B(F), 1.500
0.781 1.308
3.443 1.674 1.010
2
60DCF10B
38.10
19.84 33.22
87.45 42.52 25.65
100DCB6(F)
1.700
1.549 3.472
——
—
1
43.18
39.34 88.19
100DCB6B(F)
1.700
1.549 4.222
——
—
3
43.18
39.34 107.23
100DCB10(F)
1.954
1.500 2.803
——
—
1
49.63
38.10 71.20
100DCB10B(F)
1.954
1.500 4.295
——
—
3
49.63
38.10 109.09
100DCF6B
1.700
1.549 4.222
——
—
3
43.18
39.34 107.23
100DCF10B
1.954
1.500 4.295
——
—
3
49.63
38.10 109.09
125DCB6(F)
1.700
1.549 3.472
——
—
1
43.18
39.34 88.19
125DCB6B(F)
1.700
1.549 4.222
——
—
3
43.18
39.34 107.23
125DCB10(F)
2.250
1.590 2.725
——
—
1
57.15
40.39 69.22
125DCB10B(F)
2.250
1.590 4.147
——
—
3
57.15
40.39 105.33
125DCF6B
1.700
1.549 4.222
——
—
3
43.18
39.34 107.23
125DCF10B
2.250
1.590 2.725
——
—
3
57.15
40.39 105.33
A
B
C
Holes: .157 [
3.99] Dia. (4)
See case dimensions for
spacing.
Tolerance: ±.005/
±.13
Fig. 1 (Viewed from filter side)
F
B
A
E
C
D
Holes: .157 [
3.99] Dia. (4)
See case dimensions for
spacing.
Tolerance: ±.005/
±.13
Fig. 2 (Viewed from filter side)
B
A
C
1.250
31.75 .625
15.88
.262
6.65
1.557
39.55
1.500 x 0.781
38.10 x 19.84
Holes: .157 [
3.99] Dia. (4)
See case dimensions for
spacing.
Tolerance: ±.005/
±.13
Fig.3 (Viewed from filter side)
Part Numbers
15DCB10F
30DCB10F
60DCB10F
100DCB10F
125DCB10F
15DCB6BF
30DCB6BF
60DCB6BF
100DCB6BF
125DCB6BF
15DCB10BF
30DCB10BF
60DCB10BF
100DCB10BF
125DCB10BF
15DCF6
30DCF6
60DCF6
100DCF6
125DCF6
15DCF6B
30DCF6B
60DCF6B
100DCF6B
125DCF6B
15DCB6
30DCB6
60DCB6
100DCB6
125DCB6
15DCB6B
30DCB6B
60DCB6B
100DCB6B
125DCB6B
15DCF10
30DCF10
60DCF10
100DCF10
125DCF10
15DCF10B
30DCF10B
60DCF10B
100DCF10B
125DCF10B
15DCB10
30DCB10
60DCB10
100DCB10
125DCB10
15DCB10B
30DCB10B
60DCB10B
100DCB10B
125DCB10B
60 DC B 6 B
Current Rating
(15, 30, 60, 100, 125A)
Series Name
DC = Series Name
Mounting Style
F = Flange
B = Bulkhead and Rack
Option
B -
Circuit Breaker
F -
Feedthru Capacitors for
High Performance
(bulkhead mtg. only)
BF - Circuit Breaker and Feedthru
Capacitors for High Frequency
Performance (bulkhead mtg. only)
Termination Style
6 - Redundant Stud
10 - Phoenix Terminal
Standard Performance
High
Performance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com