Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1831CS Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1831CS
Description  3.3V/2.5V Multi-Supply MicroMonitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1831CS Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1831CS Datasheet HTML 1Page - Dallas Semiconductor DS1831CS Datasheet HTML 2Page - Dallas Semiconductor DS1831CS Datasheet HTML 3Page - Dallas Semiconductor DS1831CS Datasheet HTML 4Page - Dallas Semiconductor DS1831CS Datasheet HTML 5Page - Dallas Semiconductor DS1831CS Datasheet HTML 6Page - Dallas Semiconductor DS1831CS Datasheet HTML 7Page - Dallas Semiconductor DS1831CS Datasheet HTML 8Page - Dallas Semiconductor DS1831CS Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS1831C/D/E
4 of 14
PUSHBUTTON RESET SEQUENCING Figure 2
*NOTE:
The RST 2.5 volt output is connected to the IN3.3V via a 100 k
Ω resistor in the push-button input and
therefore does not require a pull-up resistor (an addition pull up can be used to accelerate responses.) If
an external pull-up is used in this example it must be connected to the 3.3 volt power supply.
OPERATION - PUSHBUTTON RESET
The DS1831 provides 3 pushbutton inputs for manual reset of the device. Pushbutton inputs for the
3.3 volt reset, 2.5 volt reset, and a master pushbutton reset (DS1831C & DS1831D only) input; provide
multiple options for system control. The 3.3 volt pushbutton reset and 2.5 volt pushbutton resets provide
a simple manual reset for the associated reset output; while the master pushbutton reset forces all resets
and NMI outputs active low.
The 2.5 volt reset pushbutton input and the 3.3 volt reset pushbutton input provide manual reset control
for each associated reset output. When the output associated with a pushbutton input is not active, a
pushbutton reset can be generated by pulling the associated PBRST pin low for at least 20 µs. When the
pushbutton is held low the reset will be forced active and will remain active for a reset cycle after the
pushbutton is released. See figure 2 for an application example that allows a user to sequence the reset
outputs.
A master pushbutton reset cycle can be started if at least one voltage input (IN2.5V, IN3.3V, IN1, or IN2) is
in tolerance and at least 1 output is active.
A master pushbutton reset is generated by pulling the
MPBRST
pin low for at least 20 µs.
When the pushbutton is held low all outputs are forced active and
will remain active for a reset or NMI time delay after the pushbutton is released. The Master Pushbutton
input is pulled high through an internal 100 k
Ω pull up resistor and debounced via internal circuitry. See
figure 3 for an application example. Figures 4 and 5 for the timing diagram.
The 2.5 volt and 3.3 volt pushbutton reset inputs are pulled high through an internal 100 k
Ω pull up
resistor to the voltage input, which is associated with that pushbutton. The master pushbutton is pulled to
the greater of the “IN2.5V” and “IN3.3V” inputs.
*Caution should be exercised to avoid pulling the pushbutton inputs above associated supply inputs.
Generally all pushbutton inputs should be driven low with open drain inputs.
RST2.5V
PBRST3.3V
GND
TD2.5V
IN3.3V
IN2.5V
RST3.3V
TOL3.3V
PBRST2.5V
TOL2.5V
DS1831C
TD3.3V
2.5V Supply
3.3V Supply
1
2
3
4
5
16
15
14
13
12
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com