Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8513 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCP8513
Description  Bipolar Transistors Silicon NPN Epitaxial Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8513 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCP8513 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8513 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8513 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8513 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8513 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8513 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8513 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCP8513
3
5.2. Dynamic Characteristics (Unless otherwise specified, Ta = 25 �)
Characteristics
Collector output capacitance
Switching time (rise time)
Switching time (storage time)
Switching time (fall time)
Symbol
Cob
tr
tstg
tf
Test Condition
VCB = 10 V, IE = 0 A, f = 1 MHz
See Figure 5.2.1
VCC
≈ 24 V, RL = 20 Ω,
IB1 = 0.12 A, IB2 = -0.12 A
Min
�
�
�
�
Typ.
20
30
500
70
Max
�
�
�
�
Unit
pF
ns
Fig. 5.2.1
Switching Time Test Circuit
6. Marking (Note)
Fig. 6.1
Marking
Note:
A line beside a Lot No. identifies the indication of product Labels.
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product.
The RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment.
2023-01-16
Rev.2.0
©2022-2023
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com