Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8607 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCP8607
Description  Bipolar Transistors Silicon PNP Epitaxial Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8607 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCP8607 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8607 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8607 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8607 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8607 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8607 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8607 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCP8607
1
Bipolar Transistors Silicon PNP Epitaxial Type
TPCP8607
Start of commercial production
2023-01
1. Applications
•
High-Speed Switching
•
DC-DC Converters
2. Features
(1)
High DC current gain: hFE = 120 to 240 (VCE = -2 V, IC = -0.25 A)
(2)
Low collector-emitter saturation voltage: VCE(sat) = -0.32 V (max) (IC = -0.75 A, IB = -75 mA)
(3)
High-speed switching: tf = 65 ns (typ.) (IC = -0.75 A)
3. Packaging and Internal Circuit
PS-8
1. Emitter
2. Emitter
3. Emitter
4. Base
5. Collector
6. Collector
7. Collector
8. Collector
2023-01-16
Rev.2.0
©2022-2023
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TPCP8607

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8601 TOSHIBA-TPCP8601 Datasheet
212Kb / 5P
Silicon PNP Epitaxial Type (PCT Process)
TPCP8601 TOSHIBA-TPCP8601 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCP8602 TOSHIBA-TPCP8602 Datasheet
196Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Flash Applications
TPCP8602 TOSHIBA-TPCP8602 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCP8603 TOSHIBA-TPCP8603 Datasheet
209Kb / 5P
High-Speed Switching Applications DC/DC Converters Strobe Applications
More results

Similar Description - TPCP8607

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TDTA114E TOSHIBA-TDTA114E Datasheet
229Kb / 5P
Bipolar Transistors Silicon PNP Epitaxial Type
2020-11-13 Rev.3.0
TDTA123J TOSHIBA-TDTA123J Datasheet
229Kb / 5P
Bipolar Transistors Silicon PNP Epitaxial Type
2020-11-13 Rev.3.0
TBC857 TOSHIBA-TBC857 Datasheet
189Kb / 5P
Bipolar Transistors Silicon PNP Epitaxial Type
2016-07-07 Rev.1.0
TTA1452B TOSHIBA-TTA1452B Datasheet
302Kb / 7P
Bipolar Transistors Silicon PNP Epitaxial Type
2015-08-06 Rev.4.0
TTA005 TOSHIBA-TTA005 Datasheet
204Kb / 6P
Bipolar Transistors Silicon PNP Epitaxial Type
2019-05-24 Rev.4.0
TTA006B TOSHIBA-TTA006B Datasheet
289Kb / 6P
Bipolar Transistors Silicon PNP Epitaxial Type
2016-02-24 Rev.1.0
TTA012 TOSHIBA-TTA012 Datasheet
289Kb / 7P
Bipolar Transistors Silicon PNP Epitaxial Type
2022-10-12 Rev.1.0
TTA013 TOSHIBA-TTA013 Datasheet
293Kb / 7P
Bipolar Transistors Silicon PNP Epitaxial Type
2022-10-12 Rev.1.0
TTA501 TOSHIBA-TTA501 Datasheet
246Kb / 7P
Bipolar Transistors Silicon PNP Epitaxial Type
2021-09-17 Rev.2.0
TPCP8606 TOSHIBA-TPCP8606 Datasheet
306Kb / 7P
Bipolar Transistors Silicon PNP Epitaxial Type
2023-01-16 Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com