Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1680 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1680
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1680 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1680 Datasheet HTML 1Page - Diodes Incorporated AP1680 Datasheet HTML 2Page - Diodes Incorporated AP1680 Datasheet HTML 3Page - Diodes Incorporated AP1680 Datasheet HTML 4Page - Diodes Incorporated AP1680 Datasheet HTML 5Page - Diodes Incorporated AP1680 Datasheet HTML 6Page - Diodes Incorporated AP1680 Datasheet HTML 7Page - Diodes Incorporated AP1680 Datasheet HTML 8Page - Diodes Incorporated AP1680 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680
Preliminary Datasheet
3
BCD Semiconductor Manufacturing Limited
Apr. 2011 Rev. 1. 0
Regulator
&
Bias
Tonsec
Detector
0.1V
4.0V
pfm
Tons
COMP
EA
UVLO
CV_ctrl
pfm
Driver
RQ
S
RQ
S
CC_ctrl
3
1
2, 5
4
6
OCkP
Peak Current Control & LEB
Constant Current Control
Tons
Constant Voltage Control
Functional Block Diagram
Figure 3. Functional Block Diagram of AP1680
OUT
GND
FB
CS
VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com