Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMP31 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMP31
Description  Standard SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMP31 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMP31 Datasheet HTML 1Page - Vishay Siliconix VLMP31 Datasheet HTML 2Page - Vishay Siliconix VLMP31 Datasheet HTML 3Page - Vishay Siliconix VLMP31 Datasheet HTML 4Page - Vishay Siliconix VLMP31 Datasheet HTML 5Page - Vishay Siliconix VLMP31 Datasheet HTML 6Page - Vishay Siliconix VLMP31 Datasheet HTML 7Page - Vishay Siliconix VLMP31 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VLMP31..
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 22-Apr-2022
2
Document Number: 81328
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving LED in reverse direction is suitable for short term application
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel). In order to ensure availability, single brightness
groups will not be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, single wavelength groups will not
be orderable
Note
• Wavelengths are tested at a current pulse duration of 25 ms
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMP31..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb
≤ 85 °C
IF
30
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.2
A
Power dissipation
PV
80
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction to ambient
Mounted on PC board (pad size > 16 mm2)RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMPG31L1M2, PURE GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 6 mA
VLMP3100...
IV
1.12
4
-
mcd
VLMP3102...
IV
2.8
3.8
5.6
mcd
VLMP31G2J1...
IV
2.24
3.6
5.6
mcd
VLMP31H2J2...
IV
3.55
4.3
7.1
mcd
Dominant wavelength
IF = 6 mA
λd
555
560
565
nm
Peak wavelength
IF = 6 mA
λp
-
562
-
nm
Angle of half intensity
IF = 6 mA
ϕ
-± 60
-
°
Forward voltage
IF = 20 mA
VF
-2.1
2.8
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
CI
-15-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
G
1
1.8
2.24
2
2.24
2.8
H
1
2.8
3.55
2
3.55
4.5
J
14.5
5.6
25.6
7.1
K
17.1
9.0
2
9.0
11.2
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (nm)
PURE GREEN
MIN.
MAX.
0
555
559
1
558
561
2
560
563
3
562
565



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com