Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MODC5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MODC5
Description  5 VDC SOLID-STATE OPTO-ISOLATED I/O MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MODC5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MODC5 Datasheet HTML 1Page - List of Unclassifed Manufacturers MODC5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GENERAL SPECIFICATIONS
Input/Output Isolation Voltage
4000 Vrms
Insulation Resistance (Min.) @ 500 Vdc
109 Ohm
Max. Capacitance Input/Output
16 pF
Ambient Operating Temperature Range
-40 to 80ºC
Ambient Storage Temperature Range
-40 to 125ºC
MECHANICAL SPECIFICATIONS
Weight: (typical)
0.6 oz. (17g)
Encapsulation:
Thermally Conductive Epoxy
All dimensions are in inches (millimeters)
IAC5, IDC5, OAC5, ODC5
5 VDC SOLID-STATE OPTO-ISOLATED I/O MODULES
1.00
(25.4)
.25
(6.35)
.040 (1.0) DIA.
(4 PLACES)
.30
(7.6)
.200
(5.1)
.700
(17.8)
1.100
(27.9)
1.30
(43.1)
.100
(2.5)
.40
(10.2)
1
2
3+
5
BOTTOM VIEW
1.70
(43.1)
4
1.25
(31.7)
.25
(6.3)
.040 (1.0) DIA.
(4 PLACES)
.70
(17.8)
1.20
(30.5)
1.40
(35.5)
1.60
(40.6)
1.70
(43.1)
.30
(7.6)
.100
(2.5)
.30
(7.6)
.60
(15.2)
1.00
(25.4)
.030
(0.8)
CAPTIVE
#4-40. PHILLIPS
HEAD HOLD
DOWN SCREW
1
2
3
4
5
BOTTOM VIEW
1.25
(31.7)
.25
(6.3)
.040 (1.0) DIA.
(4 PLACES)
.70
(17.8)
1.20
(30.5)
1.40
(35.5)
1.70
(43.1)
.30
(7.6)
.100
(2.5)
.30
(7.6)
.60
(15.2
1.00
(25.4)
.030
(0.8)
CAPTIVE
#4-40. PHILLIPS
HEAD HOLD
DOWN SCREW
1
2
3
4
BOTTOM VIEW
IAC/IDC
OAC/ODC
MINI-PACK
MIAC, MIDC (5 pin models)
MOAC, MODC (4 pin models)
FastFax Document No. 301
I/OMOD5V.040898, PAGE 2 OF 2
9002
For recommended applications and more information contact:
USA: (800) 8 CRYDOM • (800) 827-9366 • (619) 715-7200 • fax (619) 715-7280
9525 Chesapeake Drive, San Diego, CA 92123 • e-mail: sales@crydom.com
WEB SITE: http://www.crydom.com FASTFAX Product Information: (888) 267-9191
UK: (44)1202 812300 • fax (44)1202 812340
85, Condor Close, Woolsbridge Industrial Estate, Three-Legged Cross. Wimborne, Dorset, England BH21 6SU
GERMANY: (49)871 935405 • fax (49)871 935407, Aussere Parkstr.5, D-84032 Altdorf, Germany
©1998 CRYDOM CORP Specifications subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com