Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL11R Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # SL11R
Description  USB Controller/ 16-Bit RISC Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL11R Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button SL11R Datasheet HTML 35Page - Cypress Semiconductor SL11R Datasheet HTML 36Page - Cypress Semiconductor SL11R Datasheet HTML 37Page - Cypress Semiconductor SL11R Datasheet HTML 38Page - Cypress Semiconductor SL11R Datasheet HTML 39Page - Cypress Semiconductor SL11R Datasheet HTML 40Page - Cypress Semiconductor SL11R Datasheet HTML 41Page - Cypress Semiconductor SL11R Datasheet HTML 42Page - Cypress Semiconductor SL11R Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
SL11R
Document #: 38-08006 Rev. **
Page 39 of 85
5.1.1
I/O Control Register 0 (0xC022: R/W)
This register controls the input/output direction of the GPIO data pins from GPIO15 to GPIO0. When any bit of this register set
to one, the corresponding GPIO data pin becomes an output pin. When any bit of this register is set to zero, the corresponding
GPIO data pin becomes an input pin.
D15-0
E15-0
Enable individual outputs, GPIO 15-0. Logic ’1’ enables.
5.1.2
I/O Control Register 1 (0xC028: R/W)
This register controls the input/output direction of the GPIO data pins from GPIO31 to GPIO16. When any bit of this register set
to one, the corresponding GPIO data pin becomes an output pin. When any bit of this register is set to zero, the corresponding
GPIO data pin becomes an input pin.
D15-0
E31-16
Enable individual outputs, GPIO 31-16. Logic ’1’ enables.
5.1.3
Output Data Register 0 (0xC01E: R/W)
This register controls the output data of the GPIO data pins from GPIO15 to GPIO0.
Note: A read of this register reads back the last data written, not the data on pins configured as input (see below).
D15-0
O15-0
Output Pin Data
5.1.4
Output Data Register 1 (0xC024: R/W)
This register controls the output data of the GPIO data pins from GPIO31 to GPIO16.
D15-0
O31-16
Output Pin Data
5.1.5
Input Data Register 0 (0xC020: Read only)
This register reads the input data of the GPIO data pins from GPIO15 to GPIO0.
D15-0
I15-0
Input Pin data
5.1.6
Input Data Register 1 (0xC026: Read only)
This register reads the input data of the GPIO data pins from GPIO31 to GPIO16.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
E15
E14
E13
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
E2
E1
E0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
E31
E30
E29
E28
E27
E26
E25
E24
E23
E22
E21
E20
E19
E18
E17
E16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
O15
O14
O13
O12
O11
O10
O9
O8
O7
O6
O5
O4
O3
O2
O1
O0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
O31
15
O30
14
O29
13
O28
12
O27
11
O26
10
O2
59
O2
48
O2
37
O2
26
O2
15
O2
04
O1
93
O1
82
O1
7
O1
60
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com