Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEB-20D64 Datasheet(PDF) 1 Page - CUI Devices

Part # CEB-20D64
Description  PIEZOELECTRIC DIAPHRAGM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CEB-20D64 Datasheet(HTML) 1 Page - CUI Devices

  CEB-20D64 Datasheet HTML 1Page - CUI Devices CEB-20D64 Datasheet HTML 2Page - CUI Devices CEB-20D64 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: CEB-20D64 | DESCRIPTION: PIEZOELECTRIC DIAPHRAGM
cuidevices.com
FEATURES
• piezo element with feedback wire
• 30 Vp-p max operating voltage
• 6,500 Hz rated frequency
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
operating voltage
30
Vp-p
resonant frequency
only for piezo element without wire
6,000
6,500
7,000
Hz
resonant impedance
only for piezo element without wire
350
Ω
electrostatic capacity
at 120 Hz/1 V
9,100
13,000
16,900
pF
dc resistance
for 1 second
20
dimensions
Ø20 x 0.43
mm
weight
1.5
g
material
brass
terminal
wire leads
operating temperature
-20
70
°C
storage temperature
-30
80
°C
RoHS
yes
Notes:
1. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106kPa pressure, unless otherwise noted.
MECHANICAL DRAWING
units: mm
tolerance: ±0.5 mm
wire: UL1571 32 AWG
Red
Black
MTGEP36
45°
Additional Resources: Product Page | 3D Model


Similar Part No. - CEB-20D64

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEB-20D64 CUI-CEB-20D64 Datasheet
255Kb / 4P
piezo electric diaphragm
More results

Similar Description - CEB-20D64

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CEB-20FD64 CUID-CEB-20FD64 Datasheet
240Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-27D44 CUID-CEB-27D44 Datasheet
237Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-35FD29 CUID-CEB-35FD29 Datasheet
818Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-44D06 CUID-CEB-44D06 Datasheet
236Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2745-L100 CUID-CPT-2745-L100 Datasheet
369Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-3526-L100 CUID-CPT-3526-L100 Datasheet
356Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-35D26 CUID-CEB-35D26 Datasheet
396Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-3529-L100 CUID-CPT-3529-L100 Datasheet
367Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com