Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACTS220 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UT54ACTS220
Description  Clock and Wait-State Generation Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT54ACTS220 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UT54ACTS220 Datasheet HTML 1Page - List of Unclassifed Manufacturers UT54ACTS220 Datasheet HTML 2Page - List of Unclassifed Manufacturers UT54ACTS220 Datasheet HTML 3Page - List of Unclassifed Manufacturers UT54ACTS220 Datasheet HTML 4Page - List of Unclassifed Manufacturers UT54ACTS220 Datasheet HTML 5Page - List of Unclassifed Manufacturers UT54ACTS220 Datasheet HTML 6Page - List of Unclassifed Manufacturers UT54ACTS220 Datasheet HTML 7Page - List of Unclassifed Manufacturers UT54ACTS220 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RadHard MSI Logic
146
UT54ACTS220
PIN DESCRIPTION
FUNCTIONAL TIMING: Single S
µMMIT Wait-State
For both read and write memory cycles, DTACK is an input to the S
µMMIT E and SµMMIT LXE/DXE. A non-wait state mem-
ory requires two clock cycles, T1 and T2 of figure 1. For accessing slower memory devices, the UT54ACTS220 holds DTACK to
a logical “1”. This results in the stretching of memory cycles by one clock to three clock cycles, TW of figure 1. The SµMMIT E
and S
µMMIT LXE/DXE samples the DTACK on the rising edge of the 24 MHz clock. If DTACK is not generated before the ris-
ing edge of the clock, the S
µMMIT E and SµMMIT LXE/DXE extends the memory cycle.
Pin Number
Pin Name
Description
2
CLKOUT
Buffered version of CLKIN.
3
CLKOUT
Inverted version of CLKIN.
4
CLKIN
Clock Input. This signal can be any arbitrary signal that the user wishes to buffer.
6
48MHz
48MHz Clock. The 24MHz clock is created by dividing this signal by two.
8
DMACK
DMA Acknowledge. This input is generated by the S
µMMIT. When high, this signal
will cause DTACK output to be forced high.
9
RCS
RAM Chip Select. This input is generated by the S
µMMIT.
10
MRST
Master Reset. This input can be used to preset 24MHz, DTACK and TEST. For normal
operation tie MRST to VDD through a resistor.
11
TEST
Test output signal.
12
DTACK
Data Transfer Acknowledge. This signal can be used to drive the DTACK signal of the
S
µMMIT if the user requires one wait state during the memory transfer.
13
24MHz
24MHz Clock. This output runs at half the frequency of the 48MHz input. The falling
edge of 24MHz is the signal that latches the DTACK outputs. 24MHz is forced high
whenever MRST is low. Properly loaded, 24MHz will have a 50% duty cycle
± 5%.
48MHz
24MHz
T1
T2
DMACK
RCS
DTACK
TW
Figure 1. Functional Timing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com