Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2115 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP2115
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2115 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP2115 Datasheet HTML 8Page - Diodes Incorporated AP2115 Datasheet HTML 9Page - Diodes Incorporated AP2115 Datasheet HTML 10Page - Diodes Incorporated AP2115 Datasheet HTML 11Page - Diodes Incorporated AP2115 Datasheet HTML 12Page - Diodes Incorporated AP2115 Datasheet HTML 13Page - Diodes Incorporated AP2115 Datasheet HTML 14Page - Diodes Incorporated AP2115 Datasheet HTML 15Page - Diodes Incorporated AP2115 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115
Jul. 2011 Rev 1. 1
BCD Semiconductor Manufacturing Limited
12
Typical Performance Characteristics (Continued)
Figure 12. Output Voltage vs. Input Voltage
Figure 13. Output Voltage vs. Input Voltage
Figure 14. Output Voltage vs. Output Current
Figure 15. Output Voltage vs. Output Current
0.51.0
1.52.0
2.53.0
3.54.0
4.55.0
5.56.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
AP2115_3.3V
Input Voltage (V)
C
IN
=4.7µF
C
OUT
=4.7µF
I
OUT
=10mA
0.0
0.2
0.4
0.6
0.8
1.0
1.150
1.155
1.160
1.165
1.170
1.175
1.180
1.185
1.190
1.195
1.200
1.205
1.210
AP2115_1.2V
V
IN
=2.5V
Output Current (A)
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
0.0
0.2
0.4
0.6
0.8
1.0
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
AP2115_3.3V
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
V
IN
=4.3V
Output Current (A)
123
456
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
AP2115_1.2V
Input Voltage (V)
C
IN
=4.7µF
C
OUT
=4.7µF
I
OUT
=10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com