Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWR8902 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLWR8902
Description  TELUX LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWR8902 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLWR8902 Datasheet HTML 1Page - Vishay Siliconix TLWR8902 Datasheet HTML 2Page - Vishay Siliconix TLWR8902 Datasheet HTML 3Page - Vishay Siliconix TLWR8902 Datasheet HTML 4Page - Vishay Siliconix TLWR8902 Datasheet HTML 5Page - Vishay Siliconix TLWR8902 Datasheet HTML 6Page - Vishay Siliconix TLWR8902 Datasheet HTML 7Page - Vishay Siliconix TLWR8902 Datasheet HTML 8Page - Vishay Siliconix TLWR8902 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLWR8900, TLWR8901, TLWR8902, TLWY8900
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 18-Apr-17
2
Document Number: 83212
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous flux is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %.
These type numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each tube (there will be no mixing of two groups on each tube).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
in any one tube.
In order to ensure availability, single wavelength groups will not
be orderable
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLWR8900, TLWR8901, TLWR8902, RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Total flux
IF = 70 mA, RthJA = 200 K/W
TLWR8900
φV
2000
3700
-
mlm
IF = 70 mA, RthJA = 200 K/W
TLWR8901
φV
2000
3700
4800
mlm
IF = 70 mA, RthJA = 200 K/W
TLWR8902
φV
3000
3900
4800
mlm
Luminous intensity/total flux
IV/
φV
-0.7
-
mcd/mlm
Dominant wavelength
λd
611
616
634
nm
Peak wavelength
λp
-
624
-
nm
Angle of half intensity
ϕ
-± 45
-
deg
Total included angle
90 % of total flux captured
ϕ0.9 V
-
100
-
deg
Forward voltage
IF = 70 mA, RthJA = 200 K/W
TLWR8900
VF
1.83
2.2
2.67
V
IF = 70 mA, RthJA = 200 K/W
TLWR8901
VF
1.83
2.2
2.67
V
IF = 70 mA, RthJA = 200 K/W
TLWR8902
VF
1.95
2.2
2.67
V
Reverse voltage
IR = 10 μA
VR
10
20
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-17-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLWY8900, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Total flux
IF = 70 mA, RthJA = 200 K/W
φV
2000
3200
-
mlm
Luminous intensity/total flux
IF = 70 mA, RthJA = 200 K/W
IV/
φV
-0.7
-
mcd/mlm
Dominant wavelength
IF = 70 mA, RthJA = 200 K/W
λd
585
591
597
nm
Peak wavelength
IF = 70 mA, RthJA = 200 K/W
λp
-
594
-
nm
Angle of half intensity
IF = 70 mA, RthJA = 200 K/W
ϕ
-± 45
-
deg
Total included angle
90 % of total flux captured
ϕ0.9 V
-
100
-
deg
Forward voltage
IF = 70 mA, RthJA = 200 K/W
VF
1.83
2.1
2.67
V
Reverse voltage
IR = 10 μA
VR
10
15
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-17
-
pF
LUMINOUS FLUX CLASSIFICATION
GROUP
LUMINOUS FLUX (mlm)
MIN.
MAX.
D
2000
3000
E
2500
3600
F
3000
4200
G
3500
4800
H
4000
6100
I
5000
7300
K
6000
9700
L
7000
12 200



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com