Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT162344 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVT162344
Description  2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162344 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVT162344 Datasheet HTML 1Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT162344
2.5V/3.3V 1-to-4 address driver with 30
Ω termination
resistors (3-State)
1998 Jun 30
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
OE1
1Y0
1Y1
1Y2
1Y3
1A
2Y0
2Y1
GND
VCC
GND
2Y2
2Y3
2A
3A
3Y0
3Y1
GND
3Y2
3Y3
4A
VCC
4Y0
4Y1
GND
4Y2
4Y3
OE2
OE4
8Y0
8Y1
GND
8Y2
8Y3
VCC
8A
7Y0
7Y1
GND
7Y2
7Y3
7A
6A
6Y0
6Y1
GND
6Y2
6Y3
5A
VCC
5Y0
5Y1
GND
5Y2
5Y3
OE3
SV01735
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING MODE
OE
nA
nYx
OPERATING MODE
L
L
L
Transparent
L
H
H
Transparent
H
X
Z
High impedance
X = Don’t care
Z = High impedance “off” state
H = High voltage level
L
= Low voltage level
SCHEMATIC OF EACH OUTPUT
VCC
VCC
OUTPUT
27
Ω
27
Ω
SW00007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com