Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88190P Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX88190P
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190P Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX88190P Datasheet HTML 33Page - ASIX Electronics Corporation AX88190P Datasheet HTML 34Page - ASIX Electronics Corporation AX88190P Datasheet HTML 35Page - ASIX Electronics Corporation AX88190P Datasheet HTML 36Page - ASIX Electronics Corporation AX88190P Datasheet HTML 37Page - ASIX Electronics Corporation AX88190P Datasheet HTML 38Page - ASIX Electronics Corporation AX88190P Datasheet HTML 39Page - ASIX Electronics Corporation AX88190P Datasheet HTML 40Page - ASIX Electronics Corporation AX88190P Datasheet HTML 41Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
ASIX ELECTRONICS CORPORATION
2F, NO.13, Industry East Rd. II, Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX88190
PCMCIA Fast Ethernet MAC Controller
ASIX
190LU1A. SCH
1.0
PCMCIA BUS & AX88190 & MEMORY
ASIX ELECTRONICSCORPORATION
B
1
3
Tuesday, December 15, 1998
Title
Size
Document Number
Rev
Date:
Sheet
of
RXD3
RXD2
RXD1
RXD0
CRS
COL
RXDV
RXER
MDC
MDIO
TXEN
TXD0
TXD1
TXD2
TXD3
VDD
GND
RESET#
PCLK
TXCLK
RXCLK
|LINK
(OPTION FOR TEST)
(AX88190 APPLICATION USED LUC6612)
|190LU1A1.SCH
MEMRD#
MA11
MA12
GND
MA10
MD15
MA9
MD14
MA14
MD13
GND
GND
SA0
LVDD
MEMWR#
MD12
SD3
GND
SA1
RESET
VDD
MD11
SD4
SD11
SA2
LVDD
MA15
GND
SD5
SD12
SA3
WAIT#
MA13
MD10
SD6
SD13
SA4
INPACK#
MA8
MD9
SD7
SD14
SA5
REG#
MA7
MD8
SD15
SA6
SPKR#
MA6
MA1
CE2#
SA7
STSCHG#
MA5
MA2
OE#
SA8
IOIS16#
MA4
MA3
IORD#
SA9
GND
SA9
IOWR#
GND
SA8
IREQ#
WE#
IOWR#
MEMRD#
MA11
WE#
IORD#
MA12
GND
IREQ#
OE_M#
MA10
MD7
VDD
VDD
CE2#
MA9
MD6
MA14
MD5
VDD
LVDD
MEMWR#
MD4
SD15
EEDO
VDD
MD3
SD14
EEDI
MA15
GND
SA7
SD13
EESK
MA13
MD2
SA6
SD12
EECS
MA8
MD1
SA5
RESET
GND
GND
MA7
MD0
SA4
WAIT#
SD11
XOUT
MA6
MA1
SA3
INPACK#
SD10
XIN
MA5
MA2
SA2
REG#
SD9
GND
MA4
MA3
SA1
SPKR#
SD8
SA0
STSCHG#
VDD
LVDD
SD0
SD8
SD7
SD1
SD9
SD6
SD2
SD10
SD5
IOIS16#
GND
GND
GND
SD4
GND
SD3
SD2
GND
SD1
SD0
GND
GND
MEMWR#
MEMRD#
PCLK
EECS
VDD
MA15
EESK
LVDD
EEDI
MA14
EEDO
GND
MA13
MA12
MA11
GND
GND
MD0
MA10
MD1
MA9
MD2
MA8
MD3
MA7
MD4
LVDD
VDD
XIN
XOUT
MA6
MD5
MA5
MD6
MA4
MD7
OE#
OE_M#
MA3
MD8
GND
MD9
MA2
GND
MA1
MD10
MD15
MD11
MD14
MD12
VDD
MD13
VDD
VDD
LVDD
GND
GND
LVDD
GND
U1
PCMCIA
GND
1
D3
2
D4
3
D5
4
D6
5
D7
6
CE1#
7
A10
8
OE#
9
A11
10
A9
11
A8
12
A13
13
A14
14
WE#
15
IREQ#
16
VCC
17
VPP1
18
A16
19
A15
20
A12
21
A7
22
A6
23
A5
24
A4
25
A3
26
A2
27
A1
28
A0
29
D0
30
D1
31
D2
32
IOIS16#
33
GND
34
GND
35
CD1#
36
D11
37
D12
38
D13
39
D14
40
D15
41
CE2#
42
VS1#
43
IORD#
44
IOWR#
45
A17
46
A18
47
A19
48
A20
49
A21
50
VCC
51
VPP2
52
A22
53
A23
54
A24
55
A25
56
VS2#
57
RESET
58
WAIT#
59
INPACK#
60
REG#
61
SPKR#
62
STSCHG#
63
D8
64
D9
65
D10
66
CD2#
67
GND
68
U2
AX88190
SA[0]
1
SA[1]
2
SA[2]
3
SA[3]
4
SA[4]
5
SA[5]
6
SA[6]
7
SA[7]
8
SA[8]
9
SA[9]
10
VSS
11
IREQ#
12
WE#
13
IOWR#
14
IORD#
15
OE#
16
CE2#
17
CE1#
18
HVDD
19
SD[15]
20
SD[14]
21
SD[13]
22
SD[12]
23
VSS
24
SD[11]
25
SD[10]
26
SD[9]
27
SD[8]
28
HVDD
29
SD[7]
30
SD[6]
31
SD[5]
32
SD[4]
33
VSS
34
SD[3]
35
SD[2]
36
SD[1]
37
SD[0]
38
VSS
39
VSS
40
MEMWR#
41
MEMRD#
42
LVDD
44
MEMA[14]
45
MEMA[13]
46
MEMA[12]
47
MEMA[11]
48
MEMA[10]
50
MEMA[9]
51
MEMA[8]
52
MEMA[7]
53
LVDD
54
MEMA[6]
55
MEMA[5]
56
MEMA[4]
57
MEMA[3]
58
VSS
59
MEMA[2]
60
MEMA[1]
61
MEMD[15]
62
MEMD[14]
63
HVDD
64
MEMA[15]
43
VSS
49
MEMD[13]
65
MEMD[12]
66
MEMD[11]
67
MEMD[11]
68
VSS
69
MEMD[9]
70
MEMD[8]
71
MEMD[7]
72
MEMD[6]
73
MEMD[5]
74
HVDD
75
MEMD[4]
76
MEMD[3]
77
MEMD[2]
78
MEMD[1]
79
MEMD[0]
80
VSS
81
RX_ER
82
COL
84
CRS
85
RX_CLK
86
RXD[0]
87
RXD[1]
88
RXD[2]
89
RXD[3]
90
MDIO
91
MDC
92
VSS
93
TX_CLK
94
TX_EN
95
TXD[0]
96
TXD[1]
97
TXD[2]
98
TXD[3]
99
LVDD
100
CLKO25M
101
VSS
102
LCLK/XT ALIN
103
XTALOUT
104
VSS
105
EECS
106
LVDD
128
RESET
127
LVDD
126
WAIT#
125
INPACK#
124
REG#
123
SPKR#
122
STSCHG#
121
IOIS16#
120
VSS
119
MRDY
118
MRESET#
117
MPWDN
116
MRIN#
115
PPWDN
114
MAUDIO
113
MINT
112
MDCS#
111
LVDD
110
EEDO
109
EEDI
108
EECK
107
RX_DV
83
C1
4.7u/16V
+
C2
4.7u/16V
+
Y1
25MHZ
R1
10K
C3
0.01u
C4
0.01u
C5
0.01u
C6
0.1u
C7
0.1u
C8
0.1u
C9
0.1u
C10
0.1u
C11
0.1u
C12
4.7u/16V
+
C13
0.01u
C14
0.1u
C15
0.1u
C16
0.1u
C17
0.1u
C18
0.1u
C19
0.1u
C20
4.7u/16V
+
R2
20
C21
8p
U4
IS61C256AH
#OE
22
A11
23
A9
24
A8
25
A13
26
#WE
27
VCC
28
A14
1
A12
2
A7
3
A6
4
A5
5
A4
6
A3
7
A10
21
#CE
20
I/O7
19
I/O6
18
I/O5
17
I/O4
16
I/O3
15
GND
14
I/O2
13
I/O1
12
I/O0
11
A0
10
A1
9
A2
8
U5
IS61C256AH
#OE
22
A11
23
A9
24
A8
25
A13
26
#WE
27
VCC
28
A14
1
A12
2
A7
3
A6
4
A5
5
A4
6
A3
7
A10
21
#CE
20
I/O7
19
I/O6
18
I/O5
17
I/O4
16
I/O3
15
GND
14
I/O2
13
I/O1
12
I/O0
11
A0
10
A1
9
A2
8
U6A
74F86
1
2
3
U7A
74F74
D
2
CLK
3
Q
5
Q
6
U7B
74F74
D
12
CLK
11
Q
9
Q
8
U8
93C56R
CS
1
SK
2
DI
3
DO
4
GND
5
NC
6
NC
7
VCC
8
R4
0
C22
8p
R6
2M
C23
8p
U9
XC62FP
TAB
4
VIN
2
VSS
1
VOUT
3
C24
0.1u
C25
0.1u
C26
0.1u
C27
0.1u
C28
4.7u/16V
+
C29
0.01u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com