Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT162731 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT162731
Description  2.5V/3.3V 1-to-4 address register/driver with 30ohm termination resistors 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162731 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT162731 Datasheet HTML 1Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT162731
2.5V/3.3V 1-to-4 address register/driver with 30
Ω
termination resistors (3-State)
2
1999 Mar 23
853-2146 21078
FEATURES
• 5V I/O Compatible
• 3-State outputs
• Output capability: +12 mA/-12 mA
• Bus hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up reset
• Power-up 3-State
• Positive edge triggered registers
• Latch-up protection exceeds 500 mA per JEDEC JC40.2 Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per machine model
• Outputs include series resistance of 30Ω making external
termination resistors unnecessary
• Bus hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
DESCRIPTION
The 74ALVT162731 is a high-performance BiCMOS product designed
for VCC operation at 2.5V to 3.3V with I/O compatibility up to 5V.
This device is a 1-to-4 address register/driver featuring non-inverting
3-State outputs. The state of the outputs are controlled by two
enable inputs (OE1 and OE2). Each enable input controls the state
of two of the four common outputs for each input. When an OEn
input is a logic High, the respective outputs will be in the high
impedance state. When an OEn input is a logic Low, the respective
outputs are active. The device can be configured for a transparent
mode from input to output or a register mode by the SEL input.
When SEL is a logic High the device is configured for transparent
mode and when SEL is a logic Low it is configured for register
mode. While in the register mode the output follows the input on the
rising edge of the CLK input. The function of the data registers is not
effected by either SEL or OEn.
The 74ALVT162731 is designed with 30
Ω series resistance in both
the HIGH and LOW states of the output.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C; GND = 0V
2.5V
3.3V
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF
3.8
3.2
ns
CIN
Input capacitance
VI = 0V or VCC
3
3
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or VCC
9
9
pF
ICCZ
Total supply current
Outputs disabled
40
60
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT162731 DL
AV162731 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT162731 DGG
AV162731 DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 4, 19, 25, 28, 32, 38, 41, 47, 53
GND
Ground
5, 6, 23, 24, 30, 31, 36, 37, 42, 43,
48, 49, 54, 55
1Yn, 2Yn
Output, controlled by OE1
2, 3, 20, 21, 26, 27, 33, 34, 39, 40,
45, 46, 51, 52
3Yn,4Yn
Output, controlled by OE2
7, 22, 29, 35, 44, 50, 56
VCC
Positive power supply
8, 9, 10, 15, 16, 17, 18
An
Data inputs
14
SEL
Select input, controls mode of device
11
CLK
Clock input
12, 13
OEn
Output enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com